Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 243 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 243 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) GXM Datasheet HTML 239Page - National Semiconductor (TI) GXM Datasheet HTML 240Page - National Semiconductor (TI) GXM Datasheet HTML 241Page - National Semiconductor (TI) GXM Datasheet HTML 242Page - National Semiconductor (TI) GXM Datasheet HTML 243Page - National Semiconductor (TI) GXM Datasheet HTML 244Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 243 / 244 page
background image
Revision 3.1
243
www.national.com
Index (Continued)
frame buffer address
166
host address
166
refresh address
166
VGA Memory Addresses
169
VGA Memory Organization
166
VGA Range Detection
171
VGA Sequencer
171
VGA Video BIOS
171
VGA Video Refresh
168
All Points Addressable mode (APA)
168
attribute controller (ATTR)
168
CGA mode
168
Chain 4 mode
168
ClockSelect field
168
ColorPlaneEnable register
168
CRT controller (CRTC)
168
LineCompare register
168
Miscellaneous Output register
168
ShiftRegister field
168
VGA Write/Read Path
171
Video Data Bus
VID_CLK
31
Video Interface Signals
CRT Horizontal Sync
30
CRT Vertical Sync
31
Display Enable
31
Dotclock
30
Flat Panel Horizontal Sync
31
Flat Panel Vertical Sync
31
Graphics Pixel Data Bus
31
Pixel Port Clock
30
Video Clock
30
Video Data Bus
31
Video Ready
31
Video Valid
31
video refresh
166
Virtual 8086 Mode (V86)
88
Virtual Subsystem Architecture (VSA)
165
Virtual VGA
165
ColorCompare register
167
ColorDon’tCare register
167
Datapath Elements
167
read mode unit
167
write-mode unit
167
DataRotate register
167
ReadMapSelect register
167
SetReset register
167
SMI Generation
168
Virtual VGA Register Descriptions
172
VIrtual VGA Registers
GP_VGA_WRITE (8140h-8143h)
172
Virtual VGA Registers
GP_VGA_BASE VGA (8210h-8213h)
172
GP_VGA_LATCH (8214h-8217h)
172
GP_VGA_READ (8144h-8147h)
172
X
XpressAUDIO
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com