Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 240 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 240 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) GXM Datasheet HTML 239Page - National Semiconductor (TI) GXM Datasheet HTML 240Page - National Semiconductor (TI) GXM Datasheet HTML 241Page - National Semiconductor (TI) GXM Datasheet HTML 242Page - National Semiconductor (TI) GXM Datasheet HTML 243Page - National Semiconductor (TI) GXM Datasheet HTML 244Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 240 / 244 page
background image
www.national.com
240
Revision 3.1
Index (Continued)
BC_DRAM_TOP (8000h-8003h)
101
BC_XMAP_1 (8004h-8007h)
101
BC_XMAP_2 (8008h-800Bh)
101
BC_XMAP_3 (800Ch-800Fh)
101
Internal Test Signals
Ifloat
32
Raw Clock
32
SDRAM Test Outputs
32
Test
33
Test Clock
32
Test Data Input
32
Test Data Output
32
Thermal Diode Negative (TDN)
33
Thermal Diode Positive (TDP)
33
Interrupt
Interrupt and Exception Priorities
76
Interrupt Descriptor Table
75
Interrupt Request Level 13
25
Interrupts
74
INTR
74
NMI
74
Real Mode Error Codes
77
Real Mode, Exceptions
77
SMM
74
Vector A
75
INTR
43
, 74, 76, 83, 85, 86
invalid opcode
39
IRET instruction
43
L
Legacy VGA
165
Local Descriptor Table Register (LDTR)
66
LOCK
28
Lock Prefix
39
Low Order Interleaving
112
M
MediaGX™ Virtual VGA
167
Memory Address Space
60
Memory Addressing
Paging Mechanism
72
Memory Addressing Modes
61
Memory Controller
103
–119
Auto LOI
112
1 DIMM Bank
113
2 DIMM Banks
113
Block Diagram
103
DRAM Address Conversion
112
DRAM Configuration
105
Graphics Pipeline
103
Memory Array Configuration
104
Memory Cycles
115
Memory Organization
105
Non-Auto LOI
1 DIMM Bank
114
2 DIMM Banks
114
Page Miss
117
Processor Interface
103
SDRAM
104
SDRAM Commands
106
ACT
107
MRS
106
PRE
106
READ
107
WRT
107
SDRAM Initialization Sequence
107
SDRAM Interface
103
SDRAM Interface Clocking
118
CAS latency
118
SDRAM Read Cycle
115
SDRAM Refresh Cycle
117
SDRAM Write Cycle
116
SHFTSDCLK
119
X-Bus
103
Memory Controller Interface Signals
Bank Address Bits
29
Chip Selects
29
Clock Enable
30
Column Address Strobe
29
Data Mask Control Bits
30
Memory Address Bus
29
Row Address Strobe
29
SDRAM Clocks
30
Write Enable
29
Memory Controller Register
108
MC_BANK_CFG (8408h-840Bh)
108
MC_DR_ACC (841Ch-841Fh)
108
MC_DR_ADD (8418h-841Bh)
108
MC_GBASE_ADD (8414h-8417h)
108
MC_MEM_CNTRL1 (8400h-8403h)
108
MC_MEM_CNTRL2 (8404h-8407h)
108
MC_SYNC_TIM1 (840Ch-840Fh)
108
Memory Data Bus
29
MMX Instruction Set
229
Multiplexed Address
PCI pins
26
Multiplexed Command
Configuration Read
26
Configuration Write
26
Dual Address Cycle
26
Memory Read Line
26
Memory Read Multiple
26
Memory Write and Invalidate
26
Special Cycle
26
Multiplexed Command and Byte Enables
Interrupt Acknowledge
26
Multitasking
70
N
NMI
49
, 74, 75, 76, 78, 83, 85, 86
notebook computers
174
O
Overflow Flag
43
P
Package Outlines
198
Package Specifications
195
Page Table Entry
73
palette lookup
166
PCI Arbitration
164
PCI Configuration Registers
Access Format
157
Bus
156
Cache Line Size (0Ch)
157
Class Code (09h-0Bh)
157
CONFIG ENABLE
156
CONFIG_DATA 0CFCh-0CFFh
156
Device
156
Device Identification (02h-03h)
157
Device Status (06h-07h)
157
Latency Timer (0Dh)
157
PCI Arbitration Control 1 (43h)
157
PCI Arbitration Control 2 (44h)
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com