Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 241 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 241 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) GXM Datasheet HTML 239Page - National Semiconductor (TI) GXM Datasheet HTML 240Page - National Semiconductor (TI) GXM Datasheet HTML 241Page - National Semiconductor (TI) GXM Datasheet HTML 242Page - National Semiconductor (TI) GXM Datasheet HTML 243Page - National Semiconductor (TI) GXM Datasheet HTML 244Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 241 / 244 page
background image
Revision 3.1
241
www.national.com
Index (Continued)
PCI Command (04h-05h)
157
PCI Control Function 1 (40h)
157
PCI Control Function 2 (41h)
157
Register
156
Revision Identification (08h)
157
Translation Type Bits 1
0
156
Vendor Identification (00h-01h)
157
PCI Configuration Registers 0CF8h-0CFBh
156
PCI Controller
155
CONFIG_ADDRESS
155
Configuration Cycles
155
PCI Arbiter
155
Space Control Registers
156
Special Cycles
155
X-Bus PCI Master
155
X-Bus PCI Slave
155
PCI Cycles
162
PCI Halt Command
164
PCI Interface Signals
Frame
27
Initiator Ready
27
Lock Operation
28
Multiplexed Address and Data
26
Multiplexed Command and Byte Enables
26
Parity
26
Parity Error
28
Request Lines
28
Target Ready
27
Target Stop
27
PCI Local Bus Specification
162
PCI Read Transactions
162
PCI Special Cycle Command
164
PCI Write Transactions
163
PCR Performance Control Register Index 20h
50
PERR
28
Pixel Arrangement Within a DWORD
135
Pointer and Index Registers
ECX Counter
40
EDI Destination Pointer
40
ESI Source Pointer
40
ESP Register
40
PUSH and POP Instructions
40
Power and Ground Connections and Decoupling
182
Power Management
174
3-Volt Suspend Mode
174
Advanced Power Management (APM)
174
CPU Suspend Command Registers
174
Initiating Suspend with HALT
176
Initiating Suspend with SUSP
175
Processor Serial Bus
179
Responding to a PCI Access During Suspend Mode 177
Serial Packet Transmission
179
Stopping the Input Clock
178
Suspend Mode and Bus Cycles
175
Suspend Modulation
174
Power Management Registers
179
PM_BASE (FFFF FF6Ch)
179
PM_CNTRL_CSTP (8508h-850Bh)
179
PM_CNTRL_TEN (8504h-8507h)
179
PM_MASK (FFFF FF7Ch)
179
PM_SER_PACK (850Ch-850Fh)
179
PM_STAT_SMI (8500h-8503h)
179
Power Planes
36
–37
Power, Ground, No Connect
Ground (VSS)
32
Power, Ground, No Connect Signals
Ground (VSS)
32
No Connect (NC)
32
Power Connect (VCC2)
32
Power Connect (VCC3)
32
Voltage Detect(VOLDET)
32
Privilege Level Transfers
87
Privilege Levels (CPL, DPL and RPL)
86
Privilege Levels (I/O)
86
Processor Core Instruction Set
212
Clock Counts
212
Flags
212
Legend
212
Opcodes
212
Processor Initialization
38
Programming Interface
38
Protected Mode, Initialization and Transition
87
Protection
86
Current Privilege Level (CPL)
86
Descriptor Privilege Level (DPL)
86
Requested Privilege Level (RPL)
86
Protection - V86 Mode
88
R
Register Controls
38
Register Sets
40
Application
Flags Register
40
General Purpose Register
40
Instruction Pointer Register
40
Segment Registers
40
Flags Register
43
General Purpose
40
Data Registers
40
Pointer and Index Registers
40
Instruction Pointer
42
Selection Rules
42
Model Specific Register
40
System Register Set
40
, 44
Registers
Application Register
40
Model Specific Register
59
REQ
28
RESET
38
ROP (raster operation)
166
Row Address Strobe
CAS
29
CKE
29
RAS
29
RASA
29
RASB
29
WE
29
S
Scratchpad
2KB configurations
97
3KB configurations
97
SMM information
97
Scratchpad RAM
97
SDRAM Clocks
SDCLK_IN
30
SDCLK_OUT
30
Segment Register Selection Rules
42
Segment Registers
42
Serial Packet
CX5520
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com