Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 242 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 242 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) GXM Datasheet HTML 239Page - National Semiconductor (TI) GXM Datasheet HTML 240Page - National Semiconductor (TI) GXM Datasheet HTML 241Page - National Semiconductor (TI) GXM Datasheet HTML 242Page - National Semiconductor (TI) GXM Datasheet HTML 243Page - National Semiconductor (TI) GXM Datasheet HTML 244Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 242 / 244 page
background image
www.national.com
242
Revision 3.1
Index (Continued)
VSA
25
Shutdown and Halt
86
Signal Definitions
13
–23
Signal Descriptions
24
Cyrix Internal Test and Measurement Signals
32
Memory Controller Interface Signals
29
–30
PCI Interface Signals
26
–29
Power, Ground and No Connect Signals
32
System Interface Signals
24
–25
Video Interface Signals
30
–31
Signals - INTR
74
Signals - NMI
74
Signals - SMM
74
SIZE
SMM Region Size Bits
51
Skip Counts
94
SMAR
SMM Address Region Bits
51
SMAR SMM Address Region Register Indices CDh, CEH, CFh
51
SMHR
SMM Header Address
51
SMHR SMI Header Address Indices B0h, B1h, B2h, B3h 50
SMI
Configuration Registers
80
Generation
83
SMI#
74
, 75, 78
pin
80
SMI# pin
174
SMM
78
CPU States
85
Instructions
82
Memory Space
83
Memory Space Header
80
Operation
79
SMI Enhancements
79
SMI Events
80
SMI Nested States
84
SMI Nesting
83
SMI Service Routine Execution
83
SMI# Pin
80
Suspend Mode
85
Suspend Mode CPU States
85
SMM Memory Space Header Description
81
SPGA Pin Assignments by Pin Number
20
SPGA Pin Assignments by Signal Name
22
SPGA Pin Assignments Diagram
19
STOP
27
Subsystem Signal Connections
34
–35
Suspend
59
, 85, 86
Suspend Mode
25
System Error
28
NMI
28
System Interface Signals
Interrupt Request
25
Reset
24
Serial Packet
25
Suspend Acknowledge
25
Suspend Request
25
System Clock
24
System Management Interrupt
25
System Management Interrupt (SMI#)
165
System Register Set
44
System Register Sets
Cache Test Registers
56
Configuration Registers
47
Debug Registers
47
Gate Descriptors
69
Task Register
69
, 70
System Registers
44
–59
Configuration Registers
47
Control Registers
45
Debug Registers
52
Model Specific Register (MSR)
59
Segment Descriptor Table Registers
66
Test Registers
54
T
Task Gate Descriptors
70
Task Register (TR)
70
Task State Segments
70
Thermal Characteristics
195
TR3 Register
57
Cache Data
57
TR4 Register
57
Dirty Bits
57
LRU Bits
57
Upper Tag Address
57
Valid Bit
57
TR5 Register
57
Control Bits
57
Line Selection
57
TR6 Register
55
Command Bit
55
Dirty Attribute Bit
55
Linear Address
55
Valid Bit
55
TR7 Register
55
LRU Bits
55
Physical Address
55
PL Bit
55
Set Selection
55
Translation Lookaside Buffer
95
V
V86 Mode
Entering and Leaving
88
Interrupt Handling
88
Memory Addressing
88
VESA
165
VGA Address Mapping
167
MapMask register
167
Miscellaneous Output register
167
VGA Configuration Registers
169
VGA Control Register (B9h)
169
VGA Mask Register (BAh-BDh)
169
VGA Front End
166
VGA function
attribute controller
166
CRT controller
166
frame buffer
166
general registers
166
graphics controller
166
sequencer
166
VGA Hardware
165
, 168
SMI Generation
168
VGA Address Generator
168
VGA Memory
168
VGA Range Detection
168
VGA Sequencer
168
VGA Write/Read Path
168
VGA Memory
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com