Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 234 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 234 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 230Page - National Semiconductor (TI) GXM Datasheet HTML 231Page - National Semiconductor (TI) GXM Datasheet HTML 232Page - National Semiconductor (TI) GXM Datasheet HTML 233Page - National Semiconductor (TI) GXM Datasheet HTML 234Page - National Semiconductor (TI) GXM Datasheet HTML 235Page - National Semiconductor (TI) GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 244 page
background image
www.national.com
234
Revision 3.1
Instruction Set (Continued)
9.6
NATIONAL SEMICONDUCTOR EXTENDED MMX INSTRUCTION SET
National Semiconductor has added instructions to its
implementation of the MMX Architecture in order to facili-
tate writing of multimedia applications. In general, these
instructions allow more efficient implementation of multi-
media algorithms, or more precision in computation than
can be achieved using the basic set of MMX instructions.
All of the added instructions follow the SIMD (single
instruction, multiple data) format. Many of the instructions
add flexibility to the MMX architecture by allowing both
source operands of an instruction to be preserved, while
the result goes to a separate register that is derived from
the input.
Table 9-33 on page 235 summarizes the Extended MMX
Instructions. The abbreviations used in the table are listed
in Table 9-32.
Configuration control register CCR7(0) at location EBh
must be set to allow the execution of the Extended MMX
instructions.
Table 9-32. Extend MMX Instruction Set Table
Legend
Abbreviation
Description
<----
Result written
[11 mm reg]
Binary or binary groups of digits
mm
One of eight 64-bit MMX registers
reg
A general purpose register
<--sat--
If required, the resultant data is saturated
to remain in the associated data range
<--move--
Source data is moved to result location
[byte]
Eight 8-bit bytes are processed in parallel
[word]
Four 16-bit WORD are processed in paral-
lel
[dword]
Two 32-bit DWORDs are processed in par-
allel
[qword]
One 64-bit QWORD is processed
[sign xxx]
The BYTE, WORD, DWORD or QWORD
most significant bit is a sign bit
mm1, mm2
MMX Register 1, MMX Register 2
mod r/m
Mod and r/m byte encoding (page 6-6 of
this manual)
pack
Source data is truncated or saturated to
next smaller data size, then concatenated.
packdw
Pack two DWORDs from source and two
DWORDs from destination into four
WORDs in destination register.
packwb
Pack four WORDs from source and four
WORDs from destination into eight BYTEs
in destination register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com