Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 227 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 227 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 223Page - National Semiconductor (TI) GXM Datasheet HTML 224Page - National Semiconductor (TI) GXM Datasheet HTML 225Page - National Semiconductor (TI) GXM Datasheet HTML 226Page - National Semiconductor (TI) GXM Datasheet HTML 227Page - National Semiconductor (TI) GXM Datasheet HTML 228Page - National Semiconductor (TI) GXM Datasheet HTML 229Page - National Semiconductor (TI) GXM Datasheet HTML 230Page - National Semiconductor (TI) GXM Datasheet HTML 231Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 244 page
background image
Revision 3.1
227
www.national.com
Instruction Set (Continued)
FNOP No Operation
D9 D0
No Operation
2
FPATAN Function Eval: Tan-1(y/x)
D9 F3
ST(1) <--- ATAN[ST(1) / TOS]; then pop TOS
97 - 161
3
FPREM Floating Point Remainder
D9 F8
TOS <--- Rem[TOS / ST(1)]
82 - 91
FPREM1 Floating Point Remainder IEEE
D9 F5
TOS <--- Rem[TOS / ST(1)]
82 - 91
FPTAN Function Eval: Tan(x)
D9 F2
TOS <--- TAN(TOS); then push 1.0 onto stack
117 - 129
1
FRNDINT Round to Integer
D9 FC
TOS <--- Round(TOS)
10 - 20
FRSTOR Load FPU Environment and Register
DD [mod 100 r/m]
Restore state
56 - 72
FSAVE Save FPU Environment and Register
(9B)DD [mod 110 r/m]
Wait, then save state
57 - 67
FNSAVE Save FPU Environment and Register
DD [mod 110 r/m]
Save state
55 - 65
FSCALE Floating Multiply by 2n
D9 FD
TOS <--- TOS
× 2(ST(1))
7-14
FSIN Function Evaluation: Sin(x)
D9 FE
TOS <--- SIN(TOS)
76 - 140
1
FSINCOS Function Eval.: Sin(x)& Cos(x)
D9 FB
temp <--- TOS;
TOS <--- SIN(temp); then
push COS(temp) onto stack
145 - 161
1
FSQRT Floating Point Square Root
D9 FA
TOS <--- Square Root of TOS
59 - 60
FST Store FPU Register
TopofStack
DD [11010 n]
ST(n)<--- TOS
2
64-bit Real
DD [mod 010 r/m]
M.DR <--- TOS
2
32-bit Real
D9 [mod 010 r/m]
M.SR <--- TOS
2
FSTP Store FPU Register, Pop
Top of Stack
DB [1101 1 n]
ST(n) <--- TOS; then pop TOS
2
80-bit Real
DB [mod 111 r/m]
M.XR <--- TOS; then pop TOS
2
64-bit Real
DD [mod 011 r/m]
M.DR <--- TOS; then pop TOS
2
32-bit Real
D9 [mod 011 r/m]
M.SR <--- TOS; then pop TOS
2
FBSTP Store BCD Data, Pop
DF [mod 110 r/m]
M.BCD <--- TOS; then pop TOS
57 - 63
FIST Store Integer FPU Register
32-bit Integer
DB [mod 010 r/m]
M.SI <--- TOS
8 - 13
16-bit Integer
DF [mod 010 r/m]
M.WI <--- TOS
7 - 10
FISTP Store Integer FPU Register, Pop
64-bit Integer
DF [mod 111 r/m]
M.LI <--- TOS; then pop TOS
10 - 13
32-bit Integer
DB [mod 011 r/m]
M.SI <--- TOS; then pop TOS
8 - 13
16-bit Integer
DF [mod 011 r/m]
M.WI <--- TOS; then pop TOS
7 - 10
FSTCW Store FPU Mode Control Register
(9B)D9 [mod 111 r/m]
Wait Memory <--- Control Mode Register
5
FNSTCW Store FPU Mode Control Register
D9 [mod 111 r/m]
Memory <--- Control Mode Register
3
FSTENV Store FPU Environment
(9B)D9 [mod 110 r/m]
Wait Memory <--- Env. Registers
14 - 24
FNSTENV Store FPU Environment
D9 [mod 110 r/m]
Memory <--- Env. Registers
12 - 22
FSTSW Store FPU Status Register
(9B)DD [mod 111 r/m]
Wait Memory <--- Status Register
6
FNSTSW Store FPU Status Register
DD [mod 111 r/m]
Memory <--- Status Register
4
FSTSW AX Store FPU Status Register to AX
(9B)DF E0
Wait AX <--- Status Register
4
FNSTSW AX Store FPU Status Register to AX
DF E0
AX <--- Status Register
2
FSUB Floating Point Subtract
TopofStack
DC [11101 n]
ST(n)<--- ST(n) - TOS
4- 9
80-bit Register
D8 [1110 0 n]
TOS <--- TOS - ST(n
4 - 9
64-bit Real
DC [mod 100 r/m]
TOS <--- TOS - M.DR
4 - 9
32-bit Real
D8 [mod 100 r/m]
TOS <--- TOS - M.SR
4 - 9
FSUBP Floating Point Subtract, Pop
DE [1110 1 n]
ST(n) <--- ST(n) - TOS; then pop TOS
4 - 9
FSUBR Floating Point Subtract Reverse
TopofStack
DC [11100 n]
TOS <--- ST(n) - TOS
4- 9
80-bit Register
D8 [1110 1 n]
ST(n) <--- TOS - ST(n)
4 - 9
64-bit Real
DC [mod 101 r/m]
TOS <--- M.DR - TOS
4 - 9
32-bit Real
D8 [mod 101 r/m]
TOS <--- M.SR - TOS
4 - 9
FSUBRP Floating Point Subtract Reverse, Pop
DE [11100 n]
ST(n) <---TOS -ST(n); thenpop TOS
4 -9
Table 9-29. FPU Instruction Set Summary (Continued)
FPU Instruction
Opcode
Operation
Clock
Count
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com