Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 345 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 345 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 341Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 342Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 343Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 344Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 345Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 346Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 347Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 348Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 349Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
18-1
18. Real-Time Clock
18.1 Description
The Real-Time Clock (RTC) circuit is required to maintain current time information under MFC2000 primary power
and battery backup conditions.
The RTC Circuit consists of six binary counters that track seconds, minutes, hours, days, months, and years
elapsed since the reference year, 1992. Each counter can be read from the appropriate register described. The
tracking range of the RTC is up to 32 years, and automatic compensation is made for leap years.
A 32768 Hz signal is required to operate RTC counters and logic. A 32768 Hz (watch) crystal should be used.
The RTC block diagram is illustrated in Figure 18-1.
15 B IT
PR E SC A L ER
6 B IT
SE COND S
6 B IT
M INUT ES
5 B IT
HO UR S
1 Hz
C O = 6 0
C O = 60
CO =24
32 768 H z
BU SY
DE TEC T
BUS Y F LAG CLE AR
5 B IT
DA YS
4 B IT
M O NT HS
5 BIT
YE AR S
C O = 28,29 ,
30, or 30
CO =12
MO NT H
DE CO D ER
LEA P YE A R
DE COD ER
3 S TA TE
DRIVE R
BU S Y F L A G
Figure 18-1. RTC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com