Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 346 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 346 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 342Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 343Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 344Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 345Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 346Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 347Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 348Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 349Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 350Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
18-2
Conexant
100723A
18.2 Real-Time Clock (RTC) Registers
Note:
All RTC registers are cleared only by battery power-on reset or a write to the RTC
control register.
As you can see, second and minute are in the same 16-bit register. Hour_Day, and Month_Year registers have
the same arrangement. If CPU does a 16-bit write to the Hour_Day register, both hour and day will increment. If
CPU only writes to the lower 8-bit or the upper 8-bit, only hour or only day will increment. The Month_Year
register operates in the same manner. The Sec_Min register operates differently. If CPU does a 16-bit write or a
lower 8-bit write to the Sec_Min register, year, month, day, hour, and minute will increment once. If CPU only
writes to the upper 8-bit, only minute will increment.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Second and Minute
(Sec_Min)
01FF8091
Busy Flag
(R)
(Not Used)
Read: Data Range 000000 - 111011
Write: increment minute, (data is a don’t care)
Rst. Value
0x000000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Second and Minute
(Sec_Min)
01FF8090
Busy Flag
(R)
(Not Used)
Read: Data Range 000000 - 111011
Write: increment all - year,month,day,hour and minute registers, (data is a don’t
care)
Rst. Value
0x000000b
Read Value
00h
Increment all will increment the year, month, day, hour, and minute registers by one.
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Hour and day
(Hour_Day)
01FF8093
Busy Flag
(R)
(Not Used)
(Not Used)
Read: Data Range 00000 - 11110
Write: increment day (data is a don’t care)
Rst. Value
0xx00000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Hour and Day
(Hour_Day)
01FF8092
Busy Flag
(R)
(Not Used)
(Not Used)
Read: Data Range 00000 - 10111
Write: increment hour (data is a don’t care)
Rst. Value
0xx00000b
Read Value
00h
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Month and Year
(Month_Year)
01FF8095
Busy Flag
(R)
(Not Used)
(Not Used)
Read: Data Range 00000 - 11111
Write: increment year (data is a don’t care)
Rst. Value
0xx00000b
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Month and Year
(Month_Year)
01FF8094
Busy Flag
(R)
(Not Used)
(Not Used)
(Not Used)
Read: Data Range 0000 - 1011
Write: increment month, (data is a don’t care)
Rst.Value
0xxx0000b
Read Value
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com