Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 348 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 348 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 344Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 345Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 346Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 347Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 348Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 349Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 350Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 351Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 352Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
18-4
Conexant
100723A
18.3.4 Crystal Oscillator
Specifications for the clock crystal, a crystal oscillator schematic and circuit board layout recommendations follow.
18.3.5 RTC Crystal Specifications
Table 18-1. RTC Crystal Specifications for 32.768 kHz
Characteristic
Value for 32.768 kHz
Nominal Frequency @25°C (F)
32.768 kHz ± 20 ppm
Turnover Temperature (To)
25°C ± 5°C
Temperature Characteristic (K)*
-0.038 ppm/°C2 Typ
Temperature Stability
-160 ppm, Typ @ -40°C
-137 ppm, Typ @ +85°C
Quality Factor
100,000 Typ
Load Capacitance
12.5 pF ±2%
Series Resistance
30 K
Ω Max
Motional Capacitance
3.5 pF Typ
Shunt Capacitance
1.7 pF Typ
Maximum Drive Level
1.0 µW
Aging (
∆ F/f)
5.0 ppm, First Year
Operating Temperature
-10°C to +60°C
*(
∆ F/f) = K(To-T)2 where T= point of temperature comparison
Recommended RTC Crystal Interface Circuit
Typical Values
Fc
32.768 kHz
R1
10 M
Ω
R2
0 K
Ω
C1
22 pf
C2
22 pf
AM F PC
XIN
XO UT
R1
R2
Fc
C1
C2
Note: Adjustment to the values of C1 and C2 may be required to obtain the correct operating
frequency due to stray capacitance on the Developer’s circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com