Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFC2000 Datasheet(PDF) 347 Page - List of Unclassifed Manufacturers

Part # MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Datasheet(HTML) 347 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 343Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 344Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 345Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 346Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 347Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 348Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 349Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 350Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 351Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
18-3
Address:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Default:
Real Time Clock Ctrl
(RTC)
01FF8097
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
(Not Used)
Rst. Value
xxh
Read Value
00h
Address:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default:
Real Time Clock Ctrl
(RTC)
01FF8096
Read: Clears the busy flag (data is undefined)
Write: Resets the Real Time Clock (RTC), (data is a don't care)
Rst. Value
xxh
Read Value
00h
Read: clear BUSY flag, data is undefined. Write: reset the RTC, data is 'don't care'.
18.3 RTC Operations
18.3.1 Power-Up/Power-Down Operation
When prime power is applied to the MFPC and battery reset (BATRSTn) is generated, all counters in the RTC are
reset to 0 and the RTC becomes accessible after a delay of from 125 to 250 ms, provided that the crystal clock is
running. (Note: The RTC is also software resetable.)
When prime power drops below a level where the power-down input (PWRDWNn) becomes active, an internal
lockout signal prevents read and write access of the RTC, and RTC operation switches to battery power.
Inactivation of the PWRDWNn pin (when prime power is restored) removes the lockout condition, and the RTC is
again accessible. (Note: activation of external reset, RESETn, does not affect RTC operation.)
18.3.2 Setting Time
The first step in setting the time is to reset the time counters by writing to the RTC Control register.
The user can then set the current year (number of years elapsed since the reference year, 1992) into the upper 8-
bit of the month_year register. Each write to the year register increments the year counter by one.
The month is then set by writing to the lower 8-bit of the month_year register, and each write increments the
month counter by one.
The same procedure should then be used to set the correct day, hour, and minute by writing to the corresponding
registers. Writing to month_year, hour_day, or sec_min register resets the seconds counter to all zeros.
Note that the RTC updates the second counter once per second independent of read or write
operations to RTC registers.
18.3.3 Reading Time
Each 8-bit (upper or lower) of the time interval registers can be independently read. The upper most bit of each 8-
bit section is a Busy Flag, which when set, indicates that a one second clock edge has occurred, and that the time
is being updated in all registers. If the Busy Flag is set when reading any of the time registers, the user must issue
a read to the RTC Control register to clear the Busy Flag, and then re-read all of the time registers until all Busy
Flags are 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com