Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 134 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 134 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 130Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 134Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 136Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 137Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 138Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
134
Data Book
In Active mode, wait states can also be programmed.
This enables easier interfacing to slow Add-On logic
whichcannot transferdataatthe fullADCLKspeed.The
S5920 inserts a turnaround cycle after the address
phase for PCI Read cycles. If one or more wait states
have been programmed, the turnaround cycle is con-
sidered the first wait state of the first data phase of that
transaction.
For all Active mode transfers, the DXFR# signal is
used by Add-On logic as the data transfer signal. Data
must be latched at the rising edge of ADCLK when
DXFR# is asserted for a PCI write. Conversely, for PCI
Reads, the rising edge of ADCLK when DXFR# is
asserted can be used to increment to the next data
field.
Figure 71. Active mode PCI Read (Zero Programmed
Wait States) with PTADR#
Figure 72. Active Mode PCI Read without PTADR#
The PTADR# signal is controlled by the most signifi-
cant bit of every region control field in the PTCR
register. If this bit is zero then the PTADR# pin is not
driven at the start of an Active mode transfer. If this bit
is set to one, the PTADR# pin will be enabled and
driven active (low) for one and only one clock after
PTATN# was sampled active provided PTWAIT# was
also sampled high.
Table 57. Big Endian conversion for a 16-bit bus. The
S5920 drives D[15:0] only
Transfer
Byte #
PCI Byte
Lane
Add-On Bus
Byte Lane
1st XFER
0
D7-D0
D15-D8
1st XFER
1
D15-D8
D7-D0
2nd XFER
2
D23-D16
D15-D8
2nd XFER
3
D31-D24
D7-D0
Table 58. Big Endian conversion for an 8-bit bus. The
S5920 drives D[7:0] only
Transfer
Byte #
PCI Byte
Lane
Add-On Bus
Byte Lane
1st XFER
0
D7-D0
D7-D0
2nd XFER
1
D15-D8
D7-D0
3rd XFER
2
D23-D16
D7-D0
4th XFER
3
D31-D24
D7-D0
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
1
DXFR#
DQ[31:0]
PTWAIT#
0h
6
PTADDR
DATA
PTADR#
7
01b
Fh
23
4
5
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
DXFR#
DQ[31:0]
PTWAIT#
0h
DATA
PTADR#
01b
Fh
16
7
234
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com