Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 137 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 137 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 134Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 136Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 137Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 138Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 139Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 140Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 141Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
137
Data Book
Figure 76. Active Mode 32-Bit PCI Write w/PTWAIT#
Clock by Clock description of Figure 16
Clock 1:
The S5920 drives PTATN# and PTBURST#
active (low), indicating the start of a PCI to Add-On
data transfer with more than one data cycle. PTBE[3:0]
and PTNUM[1:0] are driven to their appropriate values
for this transfer. PTWR is driven high indicating a
Pass-Thru write.
Clock 2:
Since this region does not have PTADR#
enabled as an output and PTWAIT# is high at the ris-
ing edge of clock 2, the first data transfer is indicated
by driving DXFR# low and the data on the data bus
DQ[31:0] .
Clock 3:
DXFR# is sampled active by the Add-On
device which indicates that the Add-On device must
latch the first data word at the rising edge of this clock.
Valid data is determined by decoding the PTBE[3:0]#
lines. The Add-On device drives PTWAIT# active (low)
requesting a wait state on the next cycle.
Clock 4:
DXFR# is sampled active (low) by the Add-
On device which indicates that the Add-On device
must latch the second data word at this clock edge.
The S5920 tri-states its output bus since PTWAIT#
was inactive (high) at the rising edge of clock 4. Addi-
tionally, the S5920 deasserts DXFR# indicating that no
data transfer will occur on the next clock edge (this is
because this cycle is a wait state since PTWAIT# was
active (low) at the rising edge of clock 4. The Add-On
device deasserts PTWAIT# indicating no wait state on
the next clock.
Clock 5:
No data transfer takes place at the rising
edge of clock 5 since the previous cycle was an Add-
On initiated wait state (because PTWAIT# was active
(low) at the rising edge of clock 4). The S5920 asserts
DXFR# and drives the third data onto the DQ bus
since PTWAIT# was inactive (high) at the rising edge
of clock 5. The Add-On device drives PTWAIT# active
(low) requesting a wait state on the next cycle.
Clock 6:
DXFR# is sampled active by the Add-On
device which indicates that the Add-On device must
latch the third data word at the rising edge of this
clock. The S5920 drives DXFR# inactive and tri-states
the DQ bus since PTWAIT# was active (low) at the ris-
ing edge of clock 6. The Add-On keeps PTWAIT#
asserted indicating it wants to add a wait state on the
next cycle.
Clock 7:
No data transfer takes place on the rising
edge of this clock since the previous cycle was an
Add-On initiated wait state (because PTWAIT# was
active (low) at the rising edge of clock 6).
Clock 8:
No data transfer takes place on the rising
edge of this clock since the previous cycle was an
Add-On-initiated wait state (because PTWAIT# was
active (low) at the rising edge of clock 7). DXFR# is
driven active (low) and the fourth data is driven onto
the DQ bus since PTWAIT# was inactive (high) at the
rising edge of clock 8. PTBURST# is driven inactive
(high) indicating that after this data word is transferred,
there is only one data word left to transfer.
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
DXFR#
DQ[31:0]
PTADR#
PTWAIT#
Data3
01b
DATA4
DATA1
Data1
Data2
Data4
Data5
DATA2
DATA3
DATA5
Fh
0
1
5
6
10
11
12
13
2
34
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com