Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 135 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 135 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 131Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 132Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 133Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 134Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 136Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 137Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 138Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 139Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
135
Data Book
Figure 73. Active Mode PCI Write without PTADR#
When PTADR# is active (low), the S5920 will drive the
DQ[31:0] bus with the 32-bit PCI address regardless of
the PTMODE pin. To avoid contention on the DQ[31:0]
bus during PCI read cycles, the S5920 incorporates a
turnaround cycle before starting to drive the data
(DXFR# asser tion) . This is needed only when
PTADR# is enabled and when zero wait states are
programmed during a Pass-Thru read cycle. The cycle
immediately following the address cycle will be a turn-
around cycle as shown in Figure 13a.
If PTADR# is disabled, the DXFR# output will be
driven one clock cycle after PTATN# is valid (PTATN#
is not considered active until PTATN# is low and
PTWAIT# is high) regardless of the transfer being a
read or a write. Figure 13b shows a PCI read cycle
with PTADR# disabled.
Figure 13c shows a Pass-Thru write cycle with
PTADR# disabled.
Active mode Programmable Wait States
Bits 0,1,2 of the PTCR register control this feature.
Wait States are programmed on a per region basis.
For example: region one can be set for zero wait
states while other regions may have multiple wait
states programmed.
Wait state options are 0,1,2,...7 wait states. The S5920
will always count N wait states (N=0,1,..7) before com-
pleting the current data phase.
Figures 17, 18 and 19 show Pass-Thru transfers with
programmed wait states.
PTRDY#/PTWAIT#
In Active mode, the PTRDY#/PTWAIT# pin takes the
PTWAIT# function, which is the opposite function of
this pin when configured for passive mode. That is, if
the part is configured to operate in Active mode,
PTWAIT# asserted low means the Add-On wishes to
insert wait states.
Add-On peripherals are allowed to insert wait state
cycles at any time during an Active mode transfer.
When PTWAIT# has been sampled low, the S5920 will
tri-state its DQ[31:0] bus in order to allow other Add-
On devices to use the bus without contention.
Figure 74. Active Mode PCI Write with Add-On Initiated Wait States Using PTWAIT#
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]
DXFR#
DQ[31:0]
PTWAIT#
0h
DATA
PTADR#
01b
Fh
16
7
234
5
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
DXFR#
DQ[31:0]
PTADR#
PTWAIT#
DATA
PTADDR
01b
Fh
0h
0
1
5
6
10
11
12
13
2
34
78
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com