Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 139 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 139 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 135Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 136Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 137Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 138Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 139Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 140Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 141Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 142Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 143Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
139
Data Book
Clock 2:
Since this region does have PTADR#
enabled as an output, it is driven active (low) and the
PCI address for the current transaction is presented
on the DQ[31:0] bus.
Clock 3:
The Add-On device must latch the PCI
address at the rising edge of this clock.
Clock 4:
DXFR# is asserted low indicating that data
will be transferred on the next rising clock edge (clock
5). Data1 is driven onto the DQ[31:0] bus.
Clock 5:
The Add-On device must latch the first data
word at the rising edge of this clock. Valid data is
determined by decoding the PTBE[3:0]# lines.
Clock 6:
DXFR# is asserted indicating that data will be
transferred on the next rising clock edge (clock 7).
DATA2 is driven onto the DQ[31:0] bus.
Clock 7:
The Add-On side device latches the second
data word (DATA2) at the rising edge of this clock.
Clock 8:
DXFR# is asserted indicating that data will be
transferred on the next rising clock edge (clock 9).
DATA3 is driven onto the DQ[31:0] bus. PTBURST# is
driven inactive indicating that after this data word is
transferred, there is only one data word left to transfer.
Clock 9:
The Add-On side device latches the third
data word (DATA3) at this clock edge.
Clock 10:
DXFR# is asserted indicating that data will
be transferred on the next rising clock edge (clock 11).
DATA4 is driven onto the DQ[31:0] bus. PTATN# is
deasserted indicating that this will be the last data
phase.
Clock 11:
The final data word (DATA4) must be
latched by the Add-On device at the rising edge of this
clock. PTBE# is driven to Fh indicating all 4 bytes have
been accessed. PTNUM and PTWR may change state
since the access is complete.
Clock 12:
PTBE# may change state.
Active Mode with 16/8-bit data buses
When the S5920 is programmed in Active mode and
16-bit, the DXFR# output will strobe twice for every
PCI 32-bit word that has been read/written. Each
DXFR# assertion signifies that a 16-bit word has been
transferred to the Add-On side. The first DXFR# com-
pletion will be for the least significant 16-bit word of a
32-bit word (“LOW” in Figures 18, 9-20 and 9-21),
while the second transfer will be for the most signifi-
cant 16-bit word (“HIGH” in Figures 18, 9-20 and 9-
21). If the current PCI access has only 2 bytes valid
(PCI BE[3:0]# encoding of Ch or 3h instead of 0h),
then the S5920 will still assert a 2 cycle completion but
on e of th em w i ll no t co nt a i n v a lid da t a
(PTBE[3:0]#=Fh). If the programmed wait states for
the current Pass-Thru region is not zero, then the
S5920 will insert the programmed wait states before
the “LOW” data word and also between the “LOW” and
“HIGH” data words. Figure 18 shows a PCI read to a
16-bit Add-On region with two programmed wait
states. Note that a PCI read to an 8-bit Add-On would
be the same as Figure 18 except that there would be 4
data transfers (one for each byte) vice 2.
As in Passive mode, in Active mode, the word read/
write order is determined by the Endian conversion
programmed into the S5920.
Figure 79. Active Mode PCI Read w/ Programmed Wait States
ADCLK
PTATN#
PTBURST#
PTNUM[1:0]
PTWR
PTBE[3:0]#
DXFR#
DQ[31:0]
PTADR#
PTWAIT#
1h
PTADDR
Data1
Data2
Data3
DATA2
DATA3
DATA1
Fh
0
1
5
6
10
11
12
13
2
34
78
914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com