Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 144 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 144 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 140Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 141Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 142Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 143Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 144Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 148Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
144
Data Book
ABSOLUTE MAXIMUM STRESS RATINGS
Table 1 lists the absolute maximum S5920 device stress ratings. Stresses beyond those listed may cause perma-
nent damage to the device. These are stress ratings only; operation of the device at these or any other conditions
beyond those indicated in the Operating Characteristics section of this specification is not implied.
S5920 Operating Conditions
Table 2 lists the S5920 operating conditions. These parameters are guaranteed by device characterization, but not
device tested. All values are maximum guaranteed values.
Table 59. Absolute Maximum Stress Ratings
Parameter
Min
Max
Units
Storage Temperature
-55
125
°C
Supply Voltage (V DD )
- 0.3
7.0
Volts
Input Pin Voltage
- 0.5
GND + 5.0
Volts
Table 60. Operating Conditions
Symbol
Parameter
Min
Max
Units
Test Conditions
Notes
VCC
Supply Voltage
4.75
5.25
V
ICC
Supply Current (Static)
- 49 mA
VCC = 5.25
V
ICC
Supply Current (Dynamic)
- 197 mA
VCC = 5.25
V
TA
Operating Temperature
0
70
°C
0JA
Thermal Resistance
- TBD
°C/W
PDD
Power Dissipation
0
TBD
W
V CC = 5.25 Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com