Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 146 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 146 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 142Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 143Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 144Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 148Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 149Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 150Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
146
Data Book
Add-On Signal DC Characteristics
The following table summarizes the Add-On DC characteristic parameters for the Add-On signals listed below as
they apply to the S5920. All Add-On signal outputs listed are capable of sinking or sourcing 4 mA with the excep-
tion of BPCLK which can sink or source 8 mA.
DQ[31:0] (t/s), ADR[6:2] (in), BE[3:0]# (in), SELECT# (in), RD# (in), WR# (in), PTATN# (out), PTBE[3:0]# (out),
PTNUM[1:0] (out), PTWR (out), PTBURST# (out), PTADR# (I/O), PTRDY# (in), PTMODE (in), DXFR# (out),
SYSRST# (out), IRQ# (out), ADDINT# (in), BPCLK (out), ADCLK (in), DQMODE (in), MDMODE (in), MD[7:0] (I/O),
LOAD# (in).
nvRAM Memory Interface Signals
SCL 8 mA (o/d)
SDA 8 mA (bi-directional-o/d)
Table 62. Add-On Operating Characteristics (V CC = 5.0V 5%, 0 0 C to 70 0 C, 50 pF load on outputs)
Symbol
Parameter
Min
Max
Units
Test Conditions
Notes
VIH
Input High Voltage
2.0
-
Volts
VIL
Input Low Voltage
-0.5
0.8
Volts
LIH
Input High Leakage Current
-10
+10
uA
VIN = 2.7
LIL
Input Low Leakage Current
-10
+10
uA
VIN = 0.5
VOH
Output High Voltage
3.5
-
Volts
VOL
Output Low Voltage
-
0.4
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com