Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 149 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 149 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 148Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 149Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 150Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 151Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 152Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 153Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
149
Data Book
Table 6 summarizes the A. C. characteristics for the Add-On bus signals as they apply to the S5920. The figures
after Table 6 visually indicate the timing relationships.
Table 64. Add-On Timings, Functional Operation Range
(VCC = 5.0 V ± 5%, 0°C to 7 0°C, 50 pF load on outputs for MAX, 0 pF load for MIN)
Symbol
Parameter
Min
Max
Units
Notes
TACL
ADCLK Cycle Time
25
ns
t10
ADCLK High Time
10
ns
t11
ADCLK Low Time
10
ns
t12
ADCLK Rise Time (0.8V to 2.0V)
2.5
ns
t13
ADCLK Fall Time (2.0V to 0.8V)
2.5
ns
t14
PCICLK to BPCLK Delay, Rising
5.3
ns
t15
PCICLK to BPCLK Delay, Falling
6.2
ns
t16
PTADR# Low to DQ[31:0] Output Valid
13.1
ns
1
t17a
PTADR# High to DQ[31:0] Output Hold
2
ns
1
t17b
PTADR# High to DQ[31:0] Output Float
11.9
ns
1
t18
PTATN# Valid from ADCLK Rising Edge
13.5
ns
t19
PTATN# Hold from ADCLK Rising Edge
4
ns
t20
PTBURST# Valid from ADCLK Rising Edge
13
ns
t21
PTBURST# Hold from ADCLK Rising Edge
4
ns
t22
PTNUM[1:0] Valid from ADCLK Rising Edge
14.4
ns
t23
PTNUM[1:0] Hold from ADCLK Rising Edge
4
ns
t24
PTWR Valid from ADCLK Rising Edge
13.1
ns
t25
PTWR Hold from ADCLK Rising Edge
4
ns
t26
PTBE[3:0]# Valid from ADCLK Rising Edge
14.4
ns
t27
PTBE[3:0]#Hold from ADCLK Rising Edge
3
ns
t28
PTWAIT# Setup to ADCLK Rising Edge
11
ns
t29
PTWAIT# Hold from ADCLK Rising Edge
1
ns
t30
SELECT# Setup to ADCLK Rising Edge
8.9
ns
t31
SELECT# Hold from ADCLK Rising Edge
1
ns
t32
ADR[6:2] Setup to ADCLK Rising Edge
9.3
ns
t33
ADR[6:2] Hold from ADCLK Rising Edge
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com