Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5920 Datasheet(PDF) 147 Page - Applied Micro Circuits Corporation

Part # CS5920
Description  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 Datasheet(HTML) 147 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 143Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 144Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 145Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 146Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 147Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 148Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 149Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 150Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 151Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
147
Data Book
TIMING SPECIFICATION
PCI Clock Specification
Table 5 summarizes the A. C. characteristics for the PCI bus signals as they apply to the S5920. The figures after
Table 5 visually indicate the timing relationships.
Notes:
1. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate is met across the minimum peak-to-peak portion
of the clock waveform as shown in Figure 1.
2. Minimum times are evaluated with 0 pF equivalent load; maximum times are evaluated with 50 pF equivalent load.
3. For purposes of Active/Float timing measurements, the Hi-Z or 'off" state is defined to be when the total current delivered through the compo-
nent pin is less than or equal to the leakage current specification.
4. See the timing measurement conditions in Figure 3.
Figure 83. PCI Clock Timing
Table 63. Functional Operation Range
(VCC = 5.0V +/- 5%, 0O C to 70 OC, 50 pF load on outputs for MAX, 0 pF load for MIN)
Symbol
Parameter
Min
Max
Units
Notes
Tcyc
Clock Time
30
ns
t1
CLK High Time
11
ns
t2
CLK Low Time
11
ns
t3
Rise Time (0.8V to 2.0V)
1
4
V/ns
1
t4
Fall Time (2.0V to 0.8V)
1
4
V/ns
1
t5
CLK to Signal Valid Delay (Bused Signals)
CLK to Signal Valid Delay (Point-to-Point Signals)
2
2
11
12
ns
1,2
t6
Float to Active Delay
2
ns
3
t7
Active to Float Delay
28
ns
3
t8
Rising Edge Setup
7
ns
4
t9
Hold from PCI Clock Rising Edge
0
ns
4
2.0
t
1
2.0
0.8
0.8
t
2
t
3
t
4
2.0
0.8
2.0
0.8
TCL
V
IH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com