Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 292 page
background image
DMA
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
1-11
Note:
See Section 1.6.6, Internal Memory, on page 1-9 for memory size details.
1.8 DMA
The DMA block has the following features:
„ Six DMA channels supporting internal and external accesses
„ One-, two-, and three-dimensional transfers (including circular buffering)
„ End-of-block-transfer interrupts
„ Triggering from interrupt lines and all peripherals
Figure 1-1. DSP56303 Block Diagram
PLL
OnCE
Clock
Generator
Internal
Data
Bus
Switch
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB
MODC/IRQC
External
Data Bus
Switch
13
MODD/IRQD
DSP56300
6
16
24-Bit
24
18
DDB
DAB
Peripheral
Core
Expansion Area
6
SCI
Interface
JTAG
5
3
RESET
MODA/IRQA
PINIT/NMI
2
Bootstrap
ROM
EXTAL
XTAL
Address
Control
Data
Triple
Timer
Host
Interface
HI08
ESSI
Interface
Address
Generation
Unit
Six-Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24 + 56 → 56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Management
External
Bus
Interface
and
I-Cache
Control
External
Address
Bus
Switch
Memory
Expansion
Area
DE
Program RAM
4096
× 24 bits
(default)
X Data
RAM
2048
× 24
bits
(default)
Y Data
RAM
2048
× 24
bits
(default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com