Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 292 page
background image
Enhanced Synchronous Serial Interface 1 (ESSI1)
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
2-15
2.9 Enhanced Synchronous Serial Interface 1 (ESSI1)
Table 2-13. Enhanced Synchronous Serial Interface 1 (ESSI1)
Signal
Name
Type
State During1
Signal Description
Reset
Stop
SC10
PD0
Input or Output
Input
Disconnected
internally
Serial Control 0
Functions in either Synchronous or Asynchronous mode. For
Asynchronous mode, this signal is the receive clock I/O
(Schmitt-trigger input). For Synchronous mode, this signal is either
for Transmitter 1 output or Serial I/O Flag 0.
Port D 0
The default configuration following reset is GPIO. For PD0, signal
direction is controlled through the Port D Direction Register
(PRRD).
This signal is configured as SC10 or PD0 through the Port D
Control Register (PCRD). This input is 5 V tolerant.
SC11
PD1
Input/Output
Input or Output
Input
Disconnected
internally
Serial Control 1
Functions in either Synchronous or Asynchronous mode. For
Asynchronous mode, this signal is the receiver frame sync I/O. For
Synchronous mode, this signal is either Transmitter 2 output or
Serial I/O Flag 1.
Port D 1
The default configuration following reset is GPIO. For PD1, signal
direction is controlled through PRRD.
This signal is configured as SC11 or PD1 through PCRD. This
input is 5 V tolerant.
SC12
PD2
Input/Output
Input or Output
Input
Disconnected
internally
Serial Control Signal 2
The frame sync for both the transmitter and receiver in
Synchronous mode, and for the transmitter only in Asynchronous
mode. When configured as an output, this signal is the internally
generated frame sync signal. When configured as an input, this
signal receives an external frame sync signal for the transmitter
(and the receiver in synchronous operation).
Port D 2
The default configuration following reset is GPIO. For PD2, signal
direction is controlled through PRRD.
This signal is configured as SC12 or PD2 through PCRD. This
input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com