Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 292 page
background image
Power
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
2-3
2.1 Power
2.2 Ground
Table 2-2. Power Inputs
Power Name
Description
VCCP
PLL Power
VCC dedicated for use with Phase Lock Loop (PLL). The voltage should be well-regulated and the input
should be provided with an extremely low impedance path to the VCC power rail.
VCCQ (4)
Quiet Power
An isolated power for the internal processing logic. This input must be tied externally to all other chip
power inputs, except for VCCP. The user must provide adequate external decoupling capacitors.
VCCA (4)
Address Bus Power
An isolated power for sections of the address bus I/O drivers. This input must be tied externally to all other
chip power inputs, except for VCCP. The user must provide adequate external decoupling capacitors.
VCCD (4)
Data Bus Power
An isolated power for sections of the data bus I/O drivers. This input must be tied externally to all other
chip power inputs, except for VCCP. The user must provide adequate external decoupling capacitors.
VCCC (2)
Bus Control Power
An isolated power for the bus control I/O drivers. This input must be tied externally to all other chip power
inputs, except for VCCP. The user must provide adequate external decoupling capacitors.
VCCH
Host Power
An isolated power for the HI08 I/O drivers. This input must be tied externally to all other chip power inputs,
except for VCCP. The user must provide adequate external decoupling capacitors.
VCCS (2)
ESSI, SCI, and Timer Power
An isolated power for the ESSI, SCI, and timer I/O drivers. This input must be tied externally to all other
chip power inputs, except for VCCP. The user must provide adequate external decoupling capacitors.
Note:
These designations are package-dependent. Some packages connect all VCC inputs except VCCP to each other
internally. On those packages, all power input except VCCP are labeled VCC. The numbers of connections indicated
in this table are minimum values; the total VCC connections are package-dependent.
Table 2-3. Grounds
Ground Name
Description
GNDP
PLL Ground
Ground dedicated for PLL use. The connection should be provided with an extremely low-impedance
path to ground. VCCP should be bypassed to GNDP by a 0.47 µF capacitor located as close as possible
to the chip package.
GNDP1
PLL Ground 1
Ground dedicated for PLL use. The connection should be provided with an extremely low-impedance
path to ground.
GNDQ (4)
Quiet Ground
An isolated ground for the internal processing logic. This connection must be tied externally to all other
chip ground connections, except GNDP and GNDP1. The user must provide adequate external
decoupling capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com