Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
3-6
Freescale Semiconductor
Memory Configuration
The actual memory locations for Program RAM and the Instruction Cache in the Program
memory space are determined by the MS and CE bits, and their addresses are given in Table 3-2.
3.7 Memory Maps
The following figures describe each of the memory space and RAM configurations defined by
the settings of the SC, MS, and CE bits. The figures show the configuration and the table
describes the bit settings, memory sizes, and memory locations.
Table 3-1. DSP56303 RAM Configurations
Bit Settings
Memory Sizes (in K)
MS
CE
Program RAM
X data RAM
Y data RAM
Cache
004220
013221
102330
111331
Table 3-2. DSP56303 RAM Address Ranges by Configuration
MS
CE
Program RAM Location
Cache Location
0
0
$000–$FFF
N/A
0
1
$000–$BFF
$C00–$FFF (internal location not accessible; address range
assigned to external Program Memory)
1
0
$000–$7FF
N/A
1
1
$000–$3FF
$400–$7FF (internal location not accessible; addressed
assigned to external Program Memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com