Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 292 page
background image
Timers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
2-17
2.11 Timers
The DSP56303 has three identical and independent timers. Each can use internal or external
clocking, interrupt the DSP56303 after a specified number of events (clocks), or signal an
external device after counting a specific number of internal events.
Table 2-14. Serial Communication Interface (SCI)
Signal
Name
Type
State During1
Signal Description
Reset
Stop
RXD
PE0
Input
Input or
Output
Input
Disconnected
internally
Serial Receive Data
Receives byte-oriented serial data and transfers it to the SCI
receive shift register.
Port E 0
The default configuration following reset is GPIO. When configured
as PE0, signal direction is controlled through the Port E Directions
Register (PRRE). This signal is configured as RXD or PE0 through
the Port E Control Register (PCRE). This input is 5 V tolerant.
TXD
PE1
Output
Input or
Output
Input
Disconnected
internally
Serial Transmit Data
Transmits data from SCI transmit data register.
Port E 1
The default configuration following reset is GPIO. When configured
as PE1, signal direction is controlled through the SCI PRRE. This
signal is configured as TXD or PE1 through PCRE. This input is 5 V
tolerant.
SCLK
PE2
Input/Output
Input or
Output
Input
Disconnected
internally
Serial Clock
Provides the input or output clock used by the transmitter and/or
the receiver.
Port E 2
The default configuration following reset is GPIO. For PE2, signal
direction is controlled through the SCI PRRE. This signal is
configured as SCLK or PE2 through PCRE. This input is 5 V
tolerant.
Notes: 1.
The Wait processing state does not affect the signal state.
Table 2-15. Triple Timer Signals
Signal
Name
Type
State During1
Reset
Stop
Signal Description
TIO0
Input or
Output
Input
Disconnected
internally
Timer 0 Schmitt-Trigger Input/Output
As an external event counter or in Measurement mode, TIO0 is
input. In Watchdog, Timer, or Pulse Modulation mode, TIO0 is
output. The default mode after reset is GPIO input. This can be
changed to output or configured as a Timer Input/Output through
the Timer 0 Control/Status Register (TCSR0). This input is 5 V
tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com