Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-32
Freescale Semiconductor
Core Configuration
15–11
DRS
0
DMA Request Source
Encodes the source of DMA requests that trigger the DMA transfers. The DMA request
sources may be external devices requesting service through the IRQA, IRQB, IRQC and
IRQD pins, triggering by transfers done from a DMA channel, or transfers from the internal
peripherals. All the request sources behave as edge-triggered synchronous inputs.
DRS[4–0]
Requesting Device
00000
External (IRQA pin)
00001
External (IRQB pin)
00010
External (IRQC pin)
00011
External (IRQD pin)
00100
Transfer done from channel 0
00101
Transfer done from channel 1
00110
Transfer done from channel 2
00111
Transfer done from channel 3
01000
Transfer done from channel 4
01001
Transfer done from channel 5
01010
ESSI0 receive data (RDF0 = 1)
01011
ESSI0 transmit data (TDE0 = 1)
01100
ESSI1 receive data (RDF1 = 1)
01101
ESSI1 transmit data (TDE1 = 1)
01110
SCI receive data (RDRF = 1)
01111
SCI transmit data (TDRE = 1)
10000
Timer0 (TCF0 = 1)
10001
Timer1 (TCF1 = 1)
10010
Timer2 (TCF2 = 1)
10011
Host receive data full (HRDF = 1)
10100
Host transmit data empty (HTDE = 1)
10101–11111
Reserved
Peripheral requests 18–21 (DRS[4–0] = 111xx) can serve as fast request sources. Unlike a
regular peripheral request in which the peripheral can not generate a second request until
the first one is served, a fast peripheral has a full duplex handshake to the DMA, enabling a
maximum throughput of a trigger every two clock cycles. This mode is functional only in the
Word Transfer mode (that is, DTM = 001 or 101). In the Fast Request mode, the DMA sets
an enable line to the peripheral. If required, the peripheral can send the DMA a one cycle
triggering pulse. This pulse resets the enable line. If the DMA decides by the priority
algorithm that this trigger will be served in the next cycle, the enable line is set again, even
before the corresponding register in the peripheral is accessed.
10
D3D
0
Three-Dimensional Mode
Indicates whether a DMA channel is currently using three-dimensional (D3D = 1) or
non-three-dimensional (D3D = 0) addressing modes. The addressing modes are specified
by the DAM bits.
Table 4-11. DMA Control Register (DCR) Bit Definitions (Continued)
Bit
Number
Bit Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com