Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 93 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 93 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 97Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
5-1
Programming the Peripherals
5
When peripherals are programmed in a given application, a number of possible modes and
options are available for use. Chapters 6 through 9 describe in detail the possible modes and
configurations for peripheral registers and ports. This chapter presents general guidelines for
initializing the peripherals. These guidelines include a description of how the control registers are
mapped in the DSP56303, data transfer methods that are available when the various peripherals
are used, and information on General-Purpose Input/Output (GPIO) configuration.
5.1 Peripheral Initialization Steps
Each peripheral has its own initialization process. However, all four peripherals share some
common steps, which follow:
1.
Determine the Register values to be programmed, using the following steps:
a.
Find the peripheral register descriptions in the manual.
b.
Choose the appropriate modes to configure for a given application.
c.
Determine the bit settings for programming those modes.
2.
Make sure the peripheral is in individual reset state or disabled.
Note:
Peripheral registers should not be modified while the peripheral is active.
1.
Configure the registers by writing the predetermined values from step 1 into the
appropriate register locations.
2.
Enable the peripheral. Once the peripheral is enabled, it operates according the
programmed modes determined in step 1.
For detailed initialization procedures unique to each peripheral device, consult the initialization
section in the specific peripheral device chapter.
5.2 Mapping the Control Registers
The I/O peripherals are controlled through registers mapped to the top 128 words of X-data
memory ($FFFF80–$FFFFFF). Referred to as the internal I/O space, the control registers are
accessed by move (MOVE, MOVEP) instructions and bit-oriented instructions (BCHG, BCLR,
BSET, BTST, BRCLR, BRSET, BSCLR, BSSET, JCLR, JSET, JSCLR, and JSSET). The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com