Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 292 page
background image
Device Identification Register (IDR)
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-33
4.8 Device Identification Register (IDR)
The IDR is a read-only factory-programmed register that identifies DSP56300 family members.
It specifies the derivative number and revision number of the device. This information is used in
testing or by software. Figure 4-10 shows the contents of the IDR. Revision numbers are
assigned as follows: $0 is revision 0, $1 is revision A, and so on.
.
Figure 4-10. Identification Register Configuration (Revision E)
9–4
DAM
0
DMA Address Mode
Defines the address generation mode for the DMA transfer. These bits are encoded in two
different ways according to the D3D bit.
3–2
DDS[1–0]
0
DMA Destination Space
Specify the memory space referenced as a destination by the DMA.
Note:
In Cache mode, a DMA to Program memory space has some limitations (as
described in Chapter 3, Memory Configuration.
DDS1
DDS0
DMA Destination Memory Space
0
0
X Memory Space
0
1
Y Memory Space
1
0
P Memory Space
11
Reserved
1–0
DSS
0
DMA Source Space
Specify the memory space referenced as a source by the DMA.
Note:
In Cache mode, a DMA to Program memory space has some limitations (as
described in Chapter 3, Memory Configuration.
DSS1
DSS0
DMA Source Memory Space
0
0
X Memory Space
0
1
Y Memory Space
1
0
P Memory Space
11
Reserved
23
16
15
12
11
0
Reserved
Revision Number
Derivative Number
$00
$5
$303
Table 4-11. DMA Control Register (DCR) Bit Definitions (Continued)
Bit
Number
Bit Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com