Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 292 page
background image
Enhanced Synchronous Serial Interface 0 (ESSI0)
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
2-13
2.8 Enhanced Synchronous Serial Interface 0 (ESSI0)
Two synchronous serial interfaces (ESSI0 and ESSI1) provide a full-duplex serial port for serial
communication with a variety of serial devices, including one or more industry-standard
CODECs, other DSPs, microprocessors, and peripherals that implement the Freescale serial
peripheral interface (SPI).
Table 2-12. Enhanced Synchronous Serial Interface 0 (ESSI0)
Signal
Name
Type
State During
Reset1, 2
Signal Description
SC00
PC0
Input or Output
Ignored input
Serial Control 0
Functions in either Synchronous or Asynchronous mode. For Asynchronous
mode, this signal is the receive clock I/O (Schmitt-trigger input). For
Synchronous mode, this signal is either for Transmitter 1 output or Serial I/O
Flag 0.
Port C 0
The default configuration following reset is GPIO. For PC0, signal direction is
controlled through the Port C Direction Register (PRRC).
This signal is configured as SC00 or PC0 through the Port C Control Register
(PCRC). This input is 5 V tolerant.
SC01
PC1
Input/Output
Input or Output
Ignored input
Serial Control 1
Functions in either Synchronous or Asynchronous mode. For Asynchronous
mode, this signal is the receiver frame sync I/O. For Synchronous mode, this
signal is either Transmitter 2 output or Serial I/O Flag 1.
Port C 1
The default configuration following reset is GPIO. For PC1, signal direction is
controlled through PRRC.
This signal is configured as SC01 or PC1 through PCRC. This input is 5 V
tolerant.
SC02
PC2
Input/Output
Input or Output
Ignored input
Serial Control Signal 2
The frame sync for both the transmitter and receiver in Synchronous mode,
and for the transmitter only in Asynchronous mode. When configured as an
output, this signal is the internally generated frame sync signal. When
configured as an input, this signal receives an external frame sync signal for
the transmitter (and the receiver in synchronous operation).
Port C 2
The default configuration following reset is GPIO. For PC2, signal direction is
controlled through PRRC. This signal is configured as SC02 or PC2 through
PCRC. This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com