Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-26
Freescale Semiconductor
Core Configuration
4.6.3 Address Attribute Registers (AAR[0–3])
The Address Attribute Registers (AAR[0–3]) are read/write registers that control the activity of
the AA0/RAS0–AA3/RAS3 pins. The associated AAn/RASn pin is asserted if the address defined by
the BAC bits in the associated AAR matches the exact number of external address bits defined by
the BNC bits, and the external address space (X data, Y data, or program) is enabled by the AAR.
Figure 4-8 shows an AAR register; Table 4-10 lists the bit definitions.
Note:
The DSP56303 does not support address multiplexing.
Figure 4-8. Address Attribute Registers (AAR[0–3]) (X:$FFFFF9–$FFFFF6)
Table 4-10. Address Attribute Registers (AAR[0–3]) Bit Definitions
Bit
Number
Bit Name
Reset
Value
Description
23–12
BAC
0
Bus Address to Compare
Read/write control bits that define the upper 12 bits of the 24-bit address with which to
compare the external address to determine whether to assert the corresponding AA/RAS
signal. This is also true of 16-bit compatibility mode. The BNC[3–0] bits define the number of
address bits to compare.
11–8
BNC
0
Bus Number of Address Bits to Compare
Specify the number of bits (from the BAC bits) that are compared to the external address.
The BAC bits are always compared with the Most Significant Portion of the external address
(for example, if BNC[3–0] = 0011, then the BAC[11–9] bits are compared to the 3 MSBs of
the external address). If no bits are specified (that is, BNC[3–0] = 0000), the AA signal is
activated for the entire 16 M-word space identified by the space enable bits (BPEN, BXEN,
BYEN), but only when the address is external to the internal memory map. The
combinations BNC[3–0] = 1111, 1110, 1101 are reserved.
BAC0
BPEN
0
1
BYEN
2
BAT1
3
BAAP
4
5
6
7
8
9
10
11
BXEN
12
13
14
BAC8
15
16
17
18
19
20
21
22
23
BAT0
BAC3 BAC2
BAC11
BAC5
BAC7 BAC6
BAC9
BAC10
BAC1
BNC3
BNC1
BNC2
BNC0
BAC4
BPAC
Reserved Bit. Write to zero for future compatibility.
External Access Type
AA pin polarity
Program space Enable
X data space Enable
Y data space Enable
Reserved
Packing Enable
Number of Address bit to
compare
Address to Compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com