Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-30
Freescale Semiconductor
Core Configuration
18–17
DPR
0
DMA Channel Priority
Define the DMA channel priority relative to the other DMA channels and to the core priority
if an external bus access is required. For pending DMA transfers, the DMA controller
compares channel priority levels to determine which channel can activate the next word
transfer. This decision is required because all channels use common resources, such as
the DMA address generation logic, buses, and so forth.
DPR
Channel Priority
00
Priority level 0 (lowest)
01
Priority level 1
10
Priority level 2
11
Priority level 3 (highest)
• If all or some channels have the same priority, then channels are activated in a
round-robin fashion—that is, channel 0 is activated to transfer one word, followed by
channel 1, then channel 2, and so on.
• If channels have different priorities, the highest priority channel executes DMA transfers
and continues for its pending DMA transfers.
• If a lower-priority channel is executing DMA transfers when a higher priority channel
receives a transfer request, the lower-priority channel finishes the current word transfer
and arbitration starts again.
• If some channels with the same priority are active in a round-robin fashion and a new
higher-priority channel receives a transfer request, the higher-priority channel is granted
transfer access after the current word transfer is complete. After the higher-priority
channel transfers are complete, the round-robin transfers continue. The order of transfers
in the round-robin mode may change, but the algorithm remains the same.
• The DPR bits also determine the DMA priority relative to the core priority for external bus
access. Arbitration uses the current active DMA priority, the core priority defined by the
SR bits CP[1–0], and the core-DMA priority defined by the OMR bits CDP[1–0]. Priority of
core accesses to external memory is as follows:
Table 4-11. DMA Control Register (DCR) Bit Definitions (Continued)
Bit
Number
Bit Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com