Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 49Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 292 page
background image
Dynamic Memory Configuration Switching
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
3-5
3.4 Dynamic Memory Configuration Switching
Do not change the OMR[MS] bit when the SR[CE] bit is set. The Instruction Cache occupies the
top 1 K of what is otherwise Program RAM, and to switch memory into or out of Program RAM
when the cache is enabled can cause conflicts. To change the MS bit when CE is set:
1.
Clear CE.
2.
Change MS.
3.
Set CE.
Because an interrupt could cause the DSP to fetch instructions out of sequence and might violate
the switch condition, special care should be taken in relation to the interrupt vector routines.
3.5 Sixteen-Bit Compatibility Mode Configuration
The sixteen-bit compatibility (SC) mode allows the DSP56303 to use DSP56000 object code
without change. The SC bit (Bit 13 in the SR) is used to switch from the default 24-bit mode to
this special 16-bit mode. SC is cleared by reset. You must set this bit to select the SC mode. The
address ranges described in the previous sections apply in the SC mode with regard to the
reallocation of X and Y data memory to program memory in MS mode, but the maximum
addressing ranges are limited to $FFFF, and all data and program code are 16 bits wide.
3.6 RAM Configuration Summary
The RAM configurations for the DSP56303 are listed in Table 3-1.
CAUTION
To ensure that dynamic switching is trouble-free, do not allow any
accesses (including instruction fetches) to or from the affected address
ranges in program and data memories during the switch cycle.
CAUTION
Pay special attention when executing a memory switch routine using the
OnCE port. Running the switch routine in trace mode, for example, can
cause the switch to complete after the MS/MSW bits change while the DSP
is in Debug mode. As a result, subsequent instructions may be fetched
according to the new memory configuration (after the switch) and thus
may execute improperly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com