Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 292 page
background image
Peripherals
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
1-13
„ Network mode operation with as many as 32 time slots
„ Programmable word length (8, 12, or 16 bits)
„ Program options for frame synchronization and clock generation
„ One receiver and three transmitters per ESSI
1.9.4 SCI
The SCI provides a full-duplex port for serial communication with other DSPs, microprocessors,
or peripherals such as modems. The SCI interfaces without additional logic to peripherals that
use TTL-level signals. With a small amount of additional logic, the SCI can connect to peripheral
interfaces that have non-TTL level signals, such as the RS-232C, RS-422, etc. This interface uses
three dedicated signals: transmit data, receive data, and SCI serial clock. It supports
industry-standard asynchronous bit rates and protocols, as well as high-speed synchronous data
transmission (up to 12.5 Mbps for a 100 MHz clock). SCI asynchronous protocols include a
multidrop mode for master/slave operation with wakeup on idle line and wakeup on address bit
capability. This mode allows the DSP56303 to share a single serial line efficiently with other
peripherals.
Separate SCI transmit and receive sections can operate asynchronously with respect to each
other. A programmable baud-rate generator provides the transmit and receive clocks. An enable
vector and an interrupt vector allow the baud-rate generator to function as a general-purpose
timer when the SCI is not using it or when the interrupt timing is the same as that used by the
SCI.
1.9.5 Timer Module
The triple timer module is composed of a common 21-bit prescaler and three independent and
identical general-purpose 24-bit timer/event counters, each with its own memory-mapped
register set. Each timer has the following properties:
„ A single signal that can function as a GPIO signal or as a timer signal
„ Uses internal or external clocking and can interrupt the DSP after a specified number of
events (clocks) or signal an external device after counting internal events
„ Connection to the external world through one bidirectional signal. When this signal is
configured as an input, the timer functions as an external event counter or measures
external pulse width/signal period. When the signal is used as an output, the timer
functions as either a timer, a watchdog, or a pulse width modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com