Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
2-18
Freescale Semiconductor
Signals/Connections
2.12 JTAG/OnCE Interface
TIO1
Input or
Output
Input
Disconnected
internally
Timer 1 Schmitt-Trigger Input/Output
As an external event counter or in Measurement mode, TIO1 is
input. In Watchdog, Timer, or Pulse Modulation mode, TIO1 is
output. The default mode after reset is GPIO input. This can be
changed to output or configured as a Timer Input/Output through
the Timer 1 Control/Status Register (TCSR1). This input is 5 V
tolerant.
TIO2
Input or
Output
Input
Disconnected
internally
Timer 2 Schmitt-Trigger Input/Output
As an external event counter or in Measurement mode, TIO2 is
input. In Watchdog, Timer, or Pulse Modulation mode, TIO2 is
output. The default mode after reset is GPIO input. This can be
changed to output or configured as a Timer Input/Output through
the Timer 2 Control/Status Register (TCSR2). This input is 5 V
tolerant.
Notes: 1.
The Wait processing state does not affect the signal state.
Table 2-16. JTAG/OnCE Interface
Signal Name
Type
State During
Reset
Signal Description
TCK
Input
Input
Test Clock
A test clock signal for synchronizing JTAG test logic. This input is 5
V tolerant.
TDI
Input
Input
Test Data Input
A test data serial signal for test instructions and data. TDI is
sampled on the rising edge of TCK and has an internal pull-up
resistor. This input is 5 V tolerant.
TDO
Output
Tri-stated
Test Data Output
A test data serial signal for test instructions and data. TDO can be
tri-stated. The signal is actively driven in the shift-IR and shift-DR
controller states and changes on the falling edge of TCK. This pin is
5 V tolerant.
TMS
Input
Input
Test Mode Select
Sequences the test controller’s state machine, is sampled on the
rising edge of TCK, and has an internal pull-up resistor. This input is
5 V tolerant.
TRST
Input
Input
Test Reset
Asynchronously initializes the test controller, has an internal pull-up
resistor, and must be asserted after power up. This input is 5 V
tolerant.
Table 2-15. Triple Timer Signals (Continued)
Signal
Name
Type
State During1
Reset
Stop
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com