Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
2-2
Freescale Semiconductor
Signals/Connections
Figure 2-1. Signals Identified by Functional Group
DSP56303
24
18
External
Address Bus
External
Data Bus
External
Bus
Control
Enhanced
Synchronous Serial
Interface Port 0
(ESSI0)
2
Timers3
PLL
JTAG/OnCE
Port
Power Inputs:
PLL
Internal Logic
Address Bus
Data Bus
Bus Control
HI08
ESSI/SCI/Timer
A[0–17]
D[0–23]
AA0/RAS0–
AA3/RAS3
RD
WR
TA
BR
BG
BB
CAS
BCLK
BCLK
TCK
TDI
TDO
TMS
TRST
DE
CLKOUT
PCAP
PINIT/NMI
VCCP
VCCQ
VCCA
VCCD
VCCC
VCCH
VCCS
4
Serial
Communications
Interface (SCI) Port
2
4
2
2
Grounds4:
PLL
PLL
Internal Logic
Address Bus
Data Bus
Bus Control
HI08
ESSI/SCI/Timer
GNDP
GNDP1
GNDQ
GNDA
GNDD
GNDC
GNDH
GNDS
4
4
4
2
Interrupt/
Mode
Control
MODA
/IRQA
MODB/IRQB
MODC/IRQC
MODD/IRQD
RESET
Host
Interface
(HI08) Port
1
Non-Multiplexed
Bus
H[0–7]
HA0
HA1
HA2
HCS
/HCS
Single DS
HRW
HDS/HDS
Single HR
HREQ/HREQ
HACK/HACK
RXD
TXD
SCLK
SC0[0–2]
SCK0
SRD0
STD0
TIO0
TIO1
TIO2
8
3
4
2
EXTAL
XTAL
Clock
Enhanced
Synchronous Serial
Interface Port 1
(ESSI1)2
SC1[0–2]
SCK1
SRD1
STD1
3
Multiplexed
Bus
HAD[0–7]
HAS/HAS
HA8
HA9
HA10
Double DS
HRD
/HRD
HWR/HWR
Double HR
HTRQ/HTRQ
HRRQ/HRRQ
Port B
GPIO
PB[0–7]
PB8
PB9
PB10
PB13
PB11
PB12
PB14
PB15
Port E GPIO
PE0
PE1
PE2
Port C GPIO
PC[0–2]
PC3
PC4
PC5
Port D GPIO
PD[0–2]
PD3
PD4
PD5
Timer GPIO
TIO0
TIO1
TIO2
Port A
4
Note:
1.
The HI08 port supports a non-multiplexed or a multiplexed bus, single or double Data Strobe (DS), and single or
double Host Request (HR) configurations. Since each mode is configured independently, any combination of these
modes is possible. These HI08 signals can also be configured as GPIO signals (PB[0–15]). Signals with dual
designations (for example,
HAS/HAS) have configurable polarity.
2.
The ESSI0, ESSI1, and SCI signals are multiplexed with the Port C GPIO signals (PC[0–5]), Port D GPIO signals
(PD[0–5]), and Port E GPIO signals (PE[0–2]), respectively.
3.
TIO[0–2] can be configured as GPIO signals.
4.
The GND signals are listed for the 144-pin TQFP package. For the 196-ball MAP-BGA package, all grounds except
GNDP and GNDP1 are connected toegether and referenced as GND. There are 64 GND connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com