Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
2-6
Freescale Semiconductor
Signals/Connections
2.5.2 External Data Bus
2.5.3 External Bus Control
Table 2-7. External Data Bus Signals
Signal
Name
Type
State During Reset,
Stop, or Wait
Signal Description
D[0–23]
Input/Output
Tri-stated
Data Bus
When the DSP is the bus master, D[0–23] provide the bidirectional
data bus for external program and data memory accesses. Otherwise,
D[0–23] are tri-stated.
Table 2-8. External Bus Control Signals
Signal
Name
Type
State During Reset,
Stop, or Wait
Signal Description
AA0/RAS0–
AA3/RAS3
Output
Tri-stated
Address Attribute or Row Address Strobe
As AA, these signals function as chip selects or additional address lines.
Unlike address lines, however, the AA lines do not hold their state after a
read or write operation. As RAS, these signals can be used for Dynamic
Random Access Memory (DRAM) interface. These signals have
programmable polarity.
RD
Output
Tri-stated
Read Enable
When the DSP is the bus master, RD is asserted to read external memory
on the data bus (D[0–23]). Otherwise, RD is tri-stated.
WR
Output
Tri-stated
Write Enable
When the DSP is the bus master, WR is asserted to write external
memory on the data bus (D[0–23]). Otherwise, WR is tri-stated.
TA
Input
Ignored Input
Transfer Acknowledge
If the DSP56303 is the bus master and there is no external bus activity, or
the DSP56303 is not the bus master, the
TA input is ignored. The TA input
is a Data Transfer Acknowledge (DTACK) function that can extend an
external bus cycle indefinitely. Any number of wait states (1, 2,..., infinity)
can be added to the wait states inserted by the BCR by keeping TA
deasserted. In typical operation,
TA is deasserted at the start of a bus
cycle, asserted to enable completion of the bus cycle, and deasserted
before the next bus cycle. The current bus cycle completes one clock
period after TA is asserted synchronous to CLKOUT. The number of wait
states is determined by the TA input or by the Bus Control Register (BCR),
whichever is longer. The BCR can set the minimum number of wait states
in external bus cycles.
To use the TA functionality, the BCR must be programmed to at least one
wait state. A zero wait state access cannot be extended by TA
deassertion; otherwise improper operation may result.
TA can operate
synchronously or asynchronously, depending on the setting of the TAS bit
in the Operating Mode Register (OMR).
TA functionality cannot be used during DRAM-type accesses; otherwise
improper operation may result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com