Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-22
Freescale Semiconductor
Core Configuration
Table 4-8. Bus Control Register (BCR) Bit Definitions
Bit
Number
Bit Name
Reset Value
Description
23
BRH
0
Bus Request Hold
Asserts the BR signal, even if no external access is needed. When BRH is set, the
BR signal is always asserted. If BRH is cleared, the BR is asserted only if an
external access is attempted or pending.
22
0
Reserved. Write to zero for future compatibility.
21
BBS
0
Bus State
This read-only bit is set when the DSP is the bus master and is cleared otherwise.
20–16
BDFW
11111
(31 wait
states)
Bus Default Area Wait State Control
Defines the number of wait states (one through 31) inserted into each external
access to an area that is not defined by any of the AAR registers. The access type
for this area is SRAM only. These bits should not be programmed as zero since
SRAM memory access requires at least one wait state.
When four through seven wait states are selected, one additional wait state is
inserted at the end of the access. When selecting eight or more wait states, two
additional wait states are inserted at the end of the access. These trailing wait
states increase the data hold time and the memory release time and do not
increase the memory access time.
15–13
BA3W
1
(7 wait
states)
Bus Area 3 Wait State Control
Defines the number of wait states (one through seven) inserted in each external
SRAM access to Area 3 (DRAM accesses are not affected by these bits). Area 3 is
the area defined by AAR3.
Note:
Do not program the value of these bits as zero since SRAM memory
access requires at least one wait state.
When four through seven wait states are selected, one additional wait state is
inserted at the end of the access. This trailing wait state increases the data hold
time and the memory release time and does not increase the memory access time.
12–10
BA2W
111
(7 wait
states)
Bus Area 2 Wait State Control
Defines the number of wait states (one through seven) inserted into each external
SRAM access to Area 2 (DRAM accesses are not affected by these bits). Area 2 is
the area defined by AAR2.
Note:
Do not program the value of these bits as zero, since SRAM memory
access requires at least one wait state.
When four through seven wait states are selected, one additional wait state is
inserted at the end of the access. This trailing wait state increases the data hold
time and the memory release time and does not increase the memory access time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com