Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-14
Freescale Semiconductor
Core Configuration
10
BE
0
Cache Burst Mode Enable
Enables/disables Burst mode in the memory expansion port during an
instruction cache miss. If the bit is cleared, Burst mode is disabled and only
one program word is fetched from the external memory when an instruction
cache miss condition is detected. If the bit is set, Burst mode is enabled, and
up to four program words are fetched from the external memory when an
instruction cache miss is detected.
9–8
CDP[1–0]
11
Core-DMA Priority
Specify the priority of core and DMA accesses to the external bus.
00
Determined by comparing status register CP[1–0] to the active
DMA channel priority
01
DMA accesses have higher priority than core accesses
10
DMA accesses have the same priority as the core accesses
11
DMA accesses have lower priority than the core accesses
7MS0
Memory Switch Mode
Allows some internal data memory (X, Y, or both) to become part of the chip
internal Program RAM.
Notes: 1.
Program data placed in the Program RAM/Instruction Cache
area changes its placement after the OMR[MS] bit is set (that
is, the Instruction Cache always uses the highest internal
program RAM addresses).
2.
To ensure proper operation, place six NOP instructions after
the instruction that changes the MS bit.
3.
To ensure proper operation, do not set the MS bit while the
Instruction Cache is enabled (SR[CE] bit is set).
6SD0
Stop Delay Mode
Determines the length of the delay invoked when the core exits the Stop
state. The STOP instruction suspends core processing indefinitely until a
defined event occurs to restart it. If SD is cleared, a 128K clock cycle delay is
invoked before a STOP instruction cycle continues. However, if SD is set,
the delay before the instruction cycle continues is 16 clock cycles. The long
delay allows a clock stabilization period for the internal clock to begin
oscillating and to stabilize. When a stable external clock is used, the shorter
delay allows faster start-up of the DSP56300 core.
5
0
Reserved. Write to zero for future compatibility.
4
EBD
0
External Bus Disable
Disables the external bus controller to reduce power consumption when
external memories are not used. When EBD is set, the external bus
controller is disabled and external memory cannot be accessed. When EBD
is cleared, the external bus controller is enabled and external access can be
performed. Hardware reset clears the EBD bit.
3–0
MD–MA
*
Chip Operating Mode
Indicate the operating mode of the DSP56300 core. On hardware reset,
these bits are loaded from the external mode select pins, MODD, MODC,
MODB, and MODA, respectively. After the DSP56300 core leaves the Reset
state, MD–MA can be changed under program control.
* The MD–MA bits reflect the corresponding value of the mode input (that is, MODD–MODA), respectively.
Table 4-3. Operating Mode Register (OMR) Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com