Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 292 page
background image
Configuring Interrupts
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-15
4.4 Configuring Interrupts
DSP56303 interrupt handling, like that for all DSP56300 family members, is optimized for DSP
applications. Refer to the sections describing interrupts in Chapter 2, Core Architecture
Overview, in the DSP56300 Family Manual. Two registers are programmed to configure the
interrupt characteristics:
„ Interrupt Priority Register-Core (IPRC). Configure the priority levels for the core DMA
interrupts and the external interrupt lines as well as the interrupt line trigger modes.
„ Interrupt Priority Register-Peripherals (IPRP). Configure the priority levels for the
interrupts used with the internal peripheral devices
The interrupt table resides in the 256 locations of program memory to which the PCU vector base
address (VBA) register points. These locations store the starting instructions of the interrupt
handler for each specified interrupt. The memory is programmed by the bootstrap program at
start-up.
4.4.1 Interrupt Priority Registers (IPRC and IPRP)
There are two interrupt priority registers in the DSP56303. The IPRC (Figure 4-3) is dedicated to
DSP56300 core interrupt sources, and IPRP (Figure 4-4) is dedicated to DSP56303 peripheral
interrupt sources.
Figure 4-3. Interrupt Priority Register-Core (IPRC) (X:$FFFFFF)
IAL0
IAL1
IAL2
IBL0
IBL1
IBL2
ICL0
ICL1
ICL2
0
1
2
3
4
5
6
7
8
9
10
11
IRQA IPL
IRQA mode
IRQB IPL
IRQB mode
IRQC IPL
IRQC mode
IRQD IPL
D0L0
D0L1
D1L0
D1L1
23
22
21
20
19
18
17
16
15
14
13
12
DMA0 IPL
DMA1 IPL
D2L0
D2L1
D3L0
D3L1
D4L0
D4L1
D5L0
D5L1
DMA2 IPL
DMA3 IPL
DMA4 IPL
DMA5 IPL
IDL2
IDL1 IDL0
IRQD mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com