Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-34
Freescale Semiconductor
Core Configuration
4.9 JTAG Identification (ID) Register
The JTAG ID register is a 32-bit read-only factory-programmed register that distinguishes the
component on a board according to the IEEE 1149.1 standard. Figure 4-11 shows the JTAG ID
register configuration. Version information corresponds to the revision number ($0 for revision 0,
$1 for revision A, and so forth).
I)
4.10 JTAG Boundary Scan Register (BSR)
The BSR in the DSP56303 JTAG implementation contains bits for all device signals, clock pins,
and their associated control signals. All bidirectional pins have a corresponding register bit in the
BSR for pin data and are controlled by an associated control bit in the BSR. For details on the
BSR, consult the DSP56300 Family Manual. For the latest description of the BSR contents by
available package type in boundary scan description language (BSDL), call your local Freescale
Semiconductor Sales Office or authorized distributor or visit the Freescale Semiconductor web
site listed on the back cover of this manual.
31
28
27
22
21
12
11
1
0
Version Information
Design Center
Number
Sequence
Number
Manufacturer
Identity
1
0101
000110
0000000011
00000001110
1
Figure 4-11. JTAG Identification Register Configuration (Revision E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com