Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-10
Freescale Semiconductor
Core Configuration
12
0
Reserved. Write to 0 for future compatibility.
11–10
S[1–0]
0
Scaling Mode
Specify the scaling to be performed in the Data ALU shifter/limiter and the
rounding position in the Data ALU MAC unit. The Shifter/limiter Scaling mode
affects data read from the A or B accumulator registers out to the X-data bus
(XDB) and Y-data bus (YDB). Different scaling modes can be used with the
same program code to allow dynamic scaling. One application of dynamic
scaling is to facilitate block floating-point arithmetic. The scaling mode also
affects the MAC rounding position to maintain proper rounding when different
portions of the accumulator registers are read out to the XDB and YDB.
Scaling mode bits are cleared at the start of a long Interrupt Service Routine
and during a hardware reset.
S1
S0
Scaling
Mode
Rounding Bit
SEquation
0
0
No scaling
23
S = (A46 XOR A45)
OR (B46 XOR B45)
OR S (previous)
0
1
Scale down
24
S = (A47 XOR A46)
OR (B47 XOR B46)
OR S (previous)
1
0
Scale up
22
S = (A45 XOR A44)
OR (B45 XOR B44)
OR S (previous)
1
1
Reserved
—
S undefined
9–8
I[1–0]
11
Interrupt Mask
Reflect the current Interrupt Priority Level (IPL) of the processor and indicate
the IPL needed for an interrupt source to interrupt the processor. The current
IPL of the processor can be changed under software control. The interrupt
mask bits are set during hardware reset, but not during software reset.
Priority
I1
I0
Exceptions
Permitted
Exceptions Masked
Lowest
0
0
IPL 0, 1, 2, 3
None
0
1
IPL 1, 2, 3
IPL 0
1
0
IPL 2, 3
IPL 0, 1
Highest
1
1
IPL 3
IPL 0, 1, 2
7S0
Scaling
Set when a result moves from accumulator A or B to the XDB or YDB buses
(during an accumulator to memory or accumulator to register move) and
remains set until explicitly cleared; that is, the S bit is a sticky bit. The logical
equations of this bit are dependent on the Scaling mode. The scaling bit is set
if the absolute value in the accumulator, before scaling, is > 0.25 or < 0.75.
6L0
Limit
Set if the overflow bit is set or if the data shifter/limiter circuits perform a
limiting operation. In Arithmetic Saturation mode, the L bit is also set when an
arithmetic saturation occurs in the Data ALU result; otherwise, it is not
affected. The L bit is cleared only by a processor reset or by an instruction that
specifically clears it (that is, a sticky bit); this allows the L bit to be used as a
latching overflow bit. The L bit is affected by data movement operations that
read the A or B accumulator registers.
Table 4-2. Status Register Bit Definitions (Continued)
Bit Number
Bit Name
Reset Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com