Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
2-8
Freescale Semiconductor
Signals/Connections
Table 2-9. Interrupt and Mode Control
Signal Name
Type
State During
Reset
Signal Description
RESET
Input
Input
Reset
Deassertion of RESET is internally synchronized to the clock out
(CLKOUT). When asserted, the chip is placed in the Reset state and the
internal phase generator is reset. The Schmitt-trigger input allows a slowly
rising input (such as a capacitor charging) to reset the chip reliably. If
RESET is deasserted synchronous to CLKOUT, exact start-up timing is
guaranteed, allowing multiple processors to start and operate
synchronously. When the RESET signal is deasserted, the initial chip
operating mode is latched from the MODA, MODB, MODC, and MODD
inputs. The RESET signal must be asserted after power-up.
RESET can tolerate 5 V.
MODA/IRQA
Input
Input
Mode Select A/External Interrupt Request A
Selects the initial chip operating mode during hardware reset and becomes
a level-sensitive or negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA/IRQA MODA, MODB,
MODC, and MODD select one of sixteen initial chip operating modes,
latched into the OMR when the RESET signal is deasserted.
Internally synchronized to CLKOUT. If IRQA is asserted synchronous to
CLKOUT, multiple processors can be re-synchronized using the WAIT
instruction and asserting IRQA to exit the Wait state. If a STOP instruction
puts the processor is in the Stop standby state and IRQA is asserted, the
processor exits the Stop state.
MODA/IRQA can tolerate 5 V.
MODB/IRQB
Input
Input
Mode Select B/External Interrupt Request B
Selects the initial chip operating mode during hardware reset and becomes
a level-sensitive or negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA, MODB, MODC, and
MODD select one of sixteen initial chip operating modes, latched into OMR
when the RESET signal is deasserted.
Internally synchronized to CLKOUT. If IRQB is asserted synchronous to
CLKOUT, multiple processors can be re-synchronized using the WAIT
instruction and asserting IRQB to exit the Wait state.
MODB/IRQB can tolerate 5 V.
MODC/IRQC
Input
Input
Mode Select C/External Interrupt Request C
Selects the initial chip operating mode during hardware reset and becomes
a level-sensitive or negative-edge-triggered, maskable interrupt request
input during normal instruction processing. MODA, MODB, MODC, and
MODD select one of sixteen initial chip operating modes, latched into OMR
when the RESET signal is deasserted.
Internally synchronized to CLKOUT. If IRQC is asserted synchronous to
CLKOUT, multiple processors can be re-synchronized using the WAIT
instruction and asserting IRQC to exit the Wait state.
MODC/IRQC can tolerate 5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com