Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
5-6
Freescale Semiconductor
Programming the Peripherals
5.5 General-Purpose Input/Output (GPIO)
The DSP56303 provides 34 bidirectional signals that can be configured as GPIO signals or as
peripheral dedicated signals. No dedicated GPIO signals are provided. All of these signals are
GPIO by default after reset. The control register settings of the DSP56303 peripherals determine
whether these signals function as GPIO or as peripheral dedicated signals. This section describes
how signals can be used as GPIO.
Chapter 2, Signals/Connections details the special uses of the 34 bidirectional signals. These
signals fall into five groups and are controlled separately or as a group:
„ Port B: 16 GPIO signals (shared with the HI08 signals)
„ Port C: six GPIO signals (shared with the ESSI0 signals)
„ Port D: six GPIO signals (shared with the ESSI1 signals)
„ Port E: three GPIO signals (shared with the SCI signals)
„ Timers: three GPIO signals (shared with the triple timer signals)
5.5.1 Port B Signals and Registers
Each of the 16 Port B signals not used as an HI08 signal can be configured as a GPIO signal.
Three registers control the GPIO functionality of Port B: host control register (HCR), host port
GPIO data register (HDR), and host port GPIO direction register (HDDR). Chapter 6, Host
Interface (HI08), discusses these registers.
Figure 5-2. Port B Signals
DSP56303
Host Interface
(HI08) Port
Non-Multiplexed
Bus
Multiplexed
Bus
Port B GPIO
H[0–7]
HAD[0–7]
PB[0–7]
HA0
HAS/HAS
PB8
PB9
PB10
PB13
PB11
PB12
PB14
PB15
HA1
HA2
HCS/HCS
Single DS
HRW
HDS/HDS
Single HR
HREQ/HREQ
HACK/HACK
HA8
HA9
HA10
Double DS
HRD/HRD
HWR/HWR
Double HR
HTRQ/HTRQ
HRRQ/HRRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com