Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 292 page
background image
DMA Control Registers 5–0 (DCR[5–0])
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-31
18–17
cont.
DPR
OMR - CDP[1–0]
CP[1–0]
Core Priority
00
00
0 (lowest)
00
01
1
00
10
2
00
11
3 (highest)
01
xx
DMA accesses have higher priority than
core accesses
10
xx
DMA accesses have the same priority as
core accesses
11
xx
DMA accesses have lower priority than core
accesses
• If DMA priority > core priority (for example, if CDP = 01, or CDP = 00 and
DPR > CP), the DMA performs the external bus access first and the core waits for the
DMA channel to complete the current transfer.
• If DMA priority = core priority (for example, if CDP = 10, or CDP = 00 and
DPR = CP), the core performs all its external accesses first and then the DMA channel
performs its access.
• If DMA priority < core priority (for example, if CDP=11, or CDP = 00 and
DPR < CP), the core performs its external accesses and the DMA waits for a free slot in
which the core does not require the external bus.
• In Dynamic Priority mode (CDP = 00), the DMA channel can be halted before executing
both the source and destination accesses if the core has higher priority. If another
higher-priority DMA channel requests access, the halted channel finishes its previous
access with a new higher priority before the new requesting DMA channel is serviced.
16
DCON
0
DMA Continuous Mode Enable
Enables/disables DMA Continuous mode. When DCON is set, the channel enters the
Continuous Transfer mode and cannot be interrupted during a transfer by any other DMA
channel of equal priority. DMA transfers in the continuous mode of operation can be
interrupted if a DMA channel of higher priority is enabled after the continuous mode transfer
starts. If the priority of the DMA transfer in continuous mode (that is, DCON = 1) is higher
than the core priority (CDP = 01, or CDP = 00 and DPR > CP), and if the DMA requires an
external access, the DMA gets the external bus and the core is not able to use the external
bus in the next cycle after the DMA access even if the DMA does not need the bus in this
cycle. However, if a refresh cycle from the DRAM controller is requested, the refresh cycle
interrupts the DMA transfer. When DCON is cleared, the priority algorithm operates as for
the DPR bits.
Table 4-11. DMA Control Register (DCR) Bit Definitions (Continued)
Bit
Number
Bit Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com