Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 292 page
background image
Phase Lock Loop (PLL)
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
2-5
2.4 Phase Lock Loop (PLL)
2.5 External Memory Expansion Port (Port A)
Note:
When the DSP56303 enters a low-power standby mode (Stop or Wait), it releases bus
mastership and tri-states the relevant Port A signals: A[0–17], D[0–23],
AA0
/RAS0–AA3/RAS3, RD, WR, BB, CAS, BCLK, BCLK.
2.5.1 External Address Bus
Table 2-5. Phase Lock Loop Signals
Signal Name
Type
State During
Reset
Signal Description
PCAP
Input
Input
PLL Capacitor
Connects an off-chip capacitor to the PLL filter. See the DSP56303
Technical Data sheet to determine the correct PLL capacitor value.
Connect one capacitor terminal to PCAP and the other terminal to VCCP.
If the PLL is not used, PCAP can be tied to VCC, GND, or left floating.
CLKOUT
Output
Chip-driven
Clock Output
Provides an output clock synchronized to the internal core clock phase.
If the PLL is enabled and both the multiplication and division factors
equal one, then CLKOUT is also synchronized to EXTAL.
If the PLL is disabled, the CLKOUT frequency is half the frequency of
EXTAL.
PINIT/NMI
Input
Input
PLL Initial/Non-Maskable Interrupt
During assertion of RESET, the value of PINIT/NMI is written into the PLL
Enable (PEN) bit of the PLL control register, determining whether the
PLL is enabled or disabled. After RESET deassertion and during normal
instruction processing, the PINIT/
NMI Schmitt-trigger input is a
negative-edge-triggered Non-Maskable Interrupt (NMI) request internally
synchronized to CLKOUT.
PINIT/NMI can tolerate 5 V.
Table 2-6. External Address Bus Signals
Signal
Name
Type
State During Reset,
Stop, or Wait
Signal Description
A[0–17]
Output
Tri-stated
Address Bus
When the DSP is the bus master, A[0–17] specify the address for
external program and data memory accesses. Otherwise, the signals
are tri-stated. To minimize power dissipation, A[0–17] do not change
state when external memory spaces are not being accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com