Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 292 page
background image
General-Purpose Input/Output (GPIO)
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
5-7
5.5.2 Port C Signals and Registers
Each of the six Port C signals not used as an ESSI0 signal can be configured as a GPIO signal.
Three registers control the GPIO functionality of Port C: Port C control register (PCRC), Port C
direction register (PRRC), and Port C data register (PDRC). Chapter 7, Enhanced Synchronous
Serial Interface (ESSI), discusses these registers.
Figure 5-3. Port C Signals
5.5.3 Port D Signals and Registers
Each of the six Port D signals not used as an ESSI1 signal can be configured as a GPIO signal.
Three registers control the GPIO functionality of Port D: Port D control register (PCRD), Port D
direction register (PRRD), and Port D data register (PDRD). Chapter 7, Enhanced Synchronous
Serial Interface (ESSI), discusses these registers.
5.5.4 Port E Signals and Registers
Each of the three Port E signals not used as an SCI signal can be configured as a GPIO signal.
Three registers control the GPIO functionality of Port E: Port E control register (PCRE), Port E
Figure 5-4. Port D Signals
DSP56303
Enhanced Synchronous
Serial Interface Port 0
(ESSI0)
SC0[0–2]
SCK0
SRD0
STD0
Port C GPIO
PC[0–2]
PC3
PC4
PC5
DSP56303
Enhanced Synchronous
Serial Interface Port 1
(ESSI1)
SC1[0–2]
SCK1
SRD1
STD1
Port D GPIO
PD[0–2]
PD3
PD4
PD5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com