Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 92Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 93Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 94Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
5-4
Freescale Semiconductor
Programming the Peripherals
Configuring interrupts requires two steps:
1.
Setting up the interrupt routine
a.
The interrupt handler is located at the interrupt starting address.
b.
The interrupt routines can be short (only two opcodes long) or long (more than two
opcodes and requiring a JSR instruction).
2.
Enabling the interrupts
a.
Set the corresponding bits in the applicable peripheral control register.
b.
Enable peripheral interrupts in the Interrupt Priority Register (IPRP).
c.
Enable global interrupts in the Mode Register (MR) portion of the Status Register
(SR).
Events that change bits in the peripheral control registers can then trigger the interrupt.
Depending on the peripheral, from two to six peripheral interrupt sources are available to the
programmer.
Example 5-2 shows a short interrupt programmed for the HI08. The main program enables the
Host Receive Interrupt in the Host Control Register (HCR). When the interrupt is triggered
during code execution, the core processing jumps to the Host Receive Interrupt routine location
at p:$60 and executes the code there. Since this is a short interrupt, the core returns to normal
code execution after executing the two move instructions, and an RTI instruction is not
necessary.
Example 5-2. Interrupts
bset#M_HRIE,x:M_HCR ; enable host receive interrupt
; Short Interrupt Routine
orgP:$60
movepx:M_HRX,x1
; HI08 Receive Data Full interrupt
movex1,y:(r0)+
5.4.3 DMA
The Direct Memory Access (DMA) controller permits data transfers between internal/external
memory and/or internal/external I/O in any combination without the intervention of the
DSP56303 core. Dedicated DMA address and data buses and internal memory partitioning
ensure that a high level of isolation is achieved so the DMA operation does not interfere with the
core operation or slow it down. The DMA moves data to/from the peripheral transmit/receive
registers. The programmer can use the DMA control registers to configure sources and
destinations of data transfers. Depending on the peripheral, one to four peripheral request sources
are available. This is the most efficient method of data transfer available. Core intervention is not
required after the DMA channel is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com