Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 89Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 90Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 292 page
background image
DMA Control Registers 5–0 (DCR[5–0])
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-29
21–19
DTM
0
DMA Transfer Mode
Specify the operating modes of the DMA channel, as follows:
DTM[2–0
]
Trigger
DE
Cleared
After
Transfer Mode
000
request
Yes
Block Transfer—DE enabled and DMA request
initiated. The transfer is complete when the counter
decrements to zero and the DMA controller reloads the
counter with the original value.
001
request
Yes
Word Transfer—A word-by-word block transfer (length
set by the counter) that is DE enabled. The transfer is
complete when the counter decrements to zero and the
DMA controller reloads the counter with the original
value.
010
request
Yes
Line Transfer—A line by line block transfer (length set
by the counter) that is DE enabled. The transfer is
complete when the counter decrements to zero and the
DMA controller reloads the counter with the original
value.
011
DE
Yes
Block Transfer—The DE-initiated transfer is complete
when the counter decrements to zero and the DMA
controller reloads the counter with the original value.
100
request
No
Block Transfer—The transfer is enabled by DE and
initiated by the first DMA request. The transfer is
completed when the counter decrements to zero and
reloads itself with the original value. The DE bit is not
cleared at the end of the block, so the DMA channel
waits for a new request.
NOTE: The DMA End-of-Block-Transfer Interrupt
cannot be used in this mode.
101
request
No
Word Transfer—The transfer is enabled by DE and
initiated by every DMA request. When the counter
decrements to zero, it is reloaded with its original
value. The DE bit is not automatically cleared, so the
DMA channel waits for a new request.
NOTE: The DMA End-of-Block-Transfer Interrupt
cannot be used in this mode.
110
Reserved
111
Reserved
Note:
When DTM = 001 or 101, some peripherals can generate a second DMA request while the DMA controller is still
processing the first request (see the description of the DRS bits).
Table 4-11. DMA Control Register (DCR) Bit Definitions (Continued)
Bit
Number
Bit Name
Reset
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com