Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
1-8
Freescale Semiconductor
DSP56303 Overview
PCU features include the following:
„ Position-independent code support
„ Addressing modes optimized for DSP applications (including immediate offsets)
„ Instruction cache controller
„ Internal memory-expandable hardware stack
„ Nested hardware DO loops
„ Fast auto-return interrupts
„ Hardware system stack
The PCU uses the following registers:
„ Program counter register
„ Status register
„ Loop address register
„ Loop counter register
„ Vector base address register
„ Size register
„ Stack pointer
„ Operating mode register
„ Stack counter register
1.6.4 PLL and Clock Oscillator
The clock generator in the DSP56300 core comprises two main blocks: the PLL, which performs
clock input division, frequency multiplication, and skew elimination; and the clock generator,
which performs low-power division and clock pulse generation. These features allow you to:
„ Change the low-power divide factor without losing the lock
„ Output a clock with skew elimination
The PLL allows the processor to operate at a high internal clock frequency using a low-frequency
clock input, a feature that offers two immediate benefits:
„ A lower-frequency clock input reduces the overall electromagnetic interference generated
by a system.
„ The ability to oscillate at different frequencies reduces costs by eliminating the need to
add additional oscillators to a system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com