Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 63Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 292 page
background image
Central Processor Unit (CPU) Registers
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-7
4.3.1 Status Register (SR)
The Status Register (SR) (Figure 4-1) is a 24-bit register that indicates the current system state of
the processor and the results of previous arithmetic computations. The SR is pushed onto the
system stack when program looping is initialized or a jsr is performed, including long interrupts.
The SR consists of the following three special-purpose 8-bit control registers:
„ Extended Mode Register (EMR) (SR[23–16]) and Mode Register (MR) (SR[15–8]).
These special-purpose registers define the current system state of the processor. The bits
in both registers are affected by hardware reset, exception processing, enddo (end current
do loop) instructions, rti (return from interrupt) instructions, and trap instructions. In
addition, the EMR bits are affected by instructions that specify SR as their destination (for
example, do forever instructions, brkcc instructions, and movec). During hardware reset,
all EMR bits are cleared. The MR register bits are affected by do instructions, and
instructions that directly reference the MR (for example, andi, ori, or instructions, such as
movec, that specify SR as the destination). During processor reset, the interrupt mask bits
are set and all other bits are cleared.
„ Condition Code Register (CCR) (SR[7–0]). Defines the results of previous arithmetic
computations. The CCR bits are affected by Data Arithmetic Logic Unit (Data ALU)
operations, parallel move operations, instructions that directly reference the CCR (for
example, ori and andi), and instructions that specify SR as a destination (for example,
movec). Parallel move operations affect only the S and L bits of the CCR. During
processor reset, all CCR bits are cleared.
„ The definition of the three 8-bit registers within the SR is primarily for the purpose of
compatibility with other Freescale DSPs. Bit definitions in the following paragraphs
identify the bits within the SR and not within the subregister.
Extended Mode Register (EMR)
Mode Register (MR)
Condition Code Register (CCR)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
CP[1–0] RM SM CE
SA
FV
LF
DM SC
S[1–0]
I[1–0]
S
L
E
U
N
Z
V
C
Reset:
1
1000
00000
0000
1100
0000
00
Reserved bit. Read as zero; write to zero for future compatibility
Figure 4-1. Status Register (SR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com