Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
4-24
Freescale Semiconductor
Core Configuration
Figure 4-7. DRAM Control Register (DCR)
Table 4-9. DRAM Control Register (DCR) Bit Definitions
Bit
Number
Bit Name
Reset
Value
Description
23
BRP
0
Bus Refresh Prescaler
Controls a prescaler in series with the refresh clock divider. If BPR is set, a divide-by-64
prescaler is connected in series with the refresh clock divider. If BPR is cleared, the
prescaler is bypassed. The refresh request rate (in clock cycles) is the value written to
BRF[7–0] bits + 1, multiplied by 64 (if BRP is set) or by one (if BRP is cleared). When
programming the periodic refresh rate, you must consider the RAS time-out period.
Hardware support for the RAS time-out restriction does not exist
.
Note:
Refresh requests are not accumulated and, therefore, in a fast refresh request
rate not all the refresh requests are served (for example, the combination
BRF[7–0] = $00 and BRP = 0 generates a refresh request every clock cycle, but
a refresh access takes at least five clock cycles).
22–15
BRF[7–0]
0
Bus Refresh Rate
Controls the refresh request rate. The BRF[7–0] bits specify a divide rate of 1–256
(BRF[7–0] = $00–$FF). A refresh request is generated each time the refresh counter
reaches zero if the refresh counter is enabled (BRE = 1).
14
BSTR
0
Bus Software Triggered Reset
Generates a software-triggered refresh request. When BSTR is set, a refresh request is
generated and a refresh access is executed to all DRAM banks (the exact timing of the
refresh access depends on the pending external accesses and the status of the BME bit).
After the refresh access (CAS before RAS) is executed, the DRAM controller hardware
clears the BSTR bit. The refresh cycle length depends on the BRW[1–0] bits (a refresh
access is as long as the out-of-page access).
13
BREN
0
Bus Refresh Enable
Enables/disables the internal refresh counter. When BREN is set, the refresh counter is
enabled and a refresh request (CAS before RAS) is generated each time the refresh
counter reaches zero. A refresh cycle occurs for all DRAM banks together (that is, all pins
that are defined as RAS are asserted together). When this bit is cleared, the refresh
counter is disabled and a refresh request may be software triggered by using the BSTR
bit. In a system in which DSPs share the same DRAM, the DRAM controller of more than
one DSP may be active, but it is recommended that only one DSP have its BREN bit set
and that bus mastership is requested for a refresh access. If BREN is set and a WAIT
instruction is executed, periodic refresh is still generated each time the refresh counter
reaches zero. If BREN is set and a STOP instruction is executed, periodic refresh is not
generated and the refresh counter is disabled. The contents of the DRAM are lost.
23
22
21
20
19
18
17
16
15
14
13
12
BRP
BRF7
BRF6
BRF5
BRF4
BRF3
BRF2
BRF1
BRF0
BSTR
BREN
BME
11
10
98
76543
210
BPLE
BPS1
BPS0
BRW1
BRW0
BCW1
BCW0
Reserved bit. Read as zero; write to zero for future compatibility



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com