Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56303 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 59Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 60Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 61Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 62Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
4-1
Core Configuration
4
This chapter presents DSP56300 core configuration details specific to the DSP56303, including:
„ Operating modes
„ Bootstrap program
„ Central Processor registers
— Status register (SR)
— Operating mode register (OMR)
„ Interrupt Priority Registers (IPRC and IPRP)
„ PLL control (PCTL) register
„ Bus Interface Unit registers
— Bus Control Register (BCR)
— DRAM Control Register (DCR)
— Address Attribute Registers (AAR[3–0])
„ DMA Control Registers 5–0 (DCR[5–0])
„ Device identification register (IDR)
„ JTAG identification register
„ JTAG boundary scan register (BSR)
For information on specific registers or modules in the DSP56300 core, refer to the DSP56300
Family Manual.
4.1 Operating Modes
The DSP56303 begins operation by leaving the Reset state and going into one of eight operating
modes. As the DSP56303 exits the Reset state, it loads the values of MODA, MODB, MODC, and
MODD
into bits MA, MB, MC, and MD of the OMR. These bit settings determine the DSP
operating mode, which in turn determines the bootstrap program option the DSP uses to start up.
Software can also set the OMR[MA–MD] bits directly. A jump directly to the bootstrap program
entry point ($FF0000) after the OMR bits are set causes the DSP56303 to execute the specified
bootstrap program option (except modes $0 and $8). Table 4-1 shows the DSP56303 bootstrap
operation modes, the corresponding settings of the external operational mode signal lines (the
OMR[MA–MD] bits), and the reset vector address to which the DSP56303 jumps once it leaves
the Reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com